Electronic Components Datasheet Search
  English  ▼

X  

STTH16L06CTY Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH16L06CTY
Description  Automotive turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06CTY Datasheet(HTML) 5 Page - STMicroelectronics

  STTH16L06CTY Datasheet HTML 1Page - STMicroelectronics STTH16L06CTY Datasheet HTML 2Page - STMicroelectronics STTH16L06CTY Datasheet HTML 3Page - STMicroelectronics STTH16L06CTY Datasheet HTML 4Page - STMicroelectronics STTH16L06CTY Datasheet HTML 5Page - STMicroelectronics STTH16L06CTY Datasheet HTML 6Page - STMicroelectronics STTH16L06CTY Datasheet HTML 7Page - STMicroelectronics STTH16L06CTY Datasheet HTML 8Page - STMicroelectronics STTH16L06CTY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID026936 Rev 2
5/9
STTH16L06C-Y
Characteristics
9
Figure 7. Relative variations of dynamic
parameters versus junction temperature
Figure 8. Transient peak forward voltage versus
dI
F/dt (typical values, per diode)
Figure 9. Forward recovery time versus dI
F/dt
(typical values, per diode)
Figure 10. Junction capacitance versus reverse
voltage applied (typical values, per diode)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
IRM
QRR
trr
S factor
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =400V
R
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
50
100
150
200
250
300
350
400
450
500
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
0
20
40
60
80
100
120
140
160
180
0
100
200
300
400
500
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com