Electronic Components Datasheet Search
  English  ▼

X  

STTH16L06CTY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH16L06CTY
Description  Automotive turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06CTY Datasheet(HTML) 4 Page - STMicroelectronics

  STTH16L06CTY Datasheet HTML 1Page - STMicroelectronics STTH16L06CTY Datasheet HTML 2Page - STMicroelectronics STTH16L06CTY Datasheet HTML 3Page - STMicroelectronics STTH16L06CTY Datasheet HTML 4Page - STMicroelectronics STTH16L06CTY Datasheet HTML 5Page - STMicroelectronics STTH16L06CTY Datasheet HTML 6Page - STMicroelectronics STTH16L06CTY Datasheet HTML 7Page - STMicroelectronics STTH16L06CTY Datasheet HTML 8Page - STMicroelectronics STTH16L06CTY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH16L06C-Y
4/9
DocID026936 Rev 2
Figure 1. Conduction losses versus average
current
Figure 2. Forward voltage drop versus forward
current
Figure 3. Peak reverse recovery current versus
dIF/dt (typical values, per diode)
Figure 4. Reverse recovery time versus dIF/dt
(typical values, per diode)
Figure 5. Reverse recovery charges versus
dIF/dt (typical values, per diode)
Figure 6. Softness factor versus dIF/dt
(typical values, per diode)
0
5
10
15
024
68
10
P(W)
T
δ=tp/T
tp
δ = 0.05
δ = 1
I
(A)
F(AV)
δ = 0.1 δ = 0.2
δ = 0.5
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
(A)
FM
T =150°C
(typical values)
j
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
V
(V)
FM
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
400
450
500
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =400V
T =125°C
R
j
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
450
500
t (ns)
rr
dI /dt(A/µs)
F
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =400V
T =125°C
R
j
I =2 x I
F
F(AV)
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
0
100
200
300
400
500
Q (nC)
rr
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =400V
T =125°C
R
j
dI /dt(A/µs)
F
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
50
100
150
200
250
300
350
400
450
500
S factor
dI /dt(A/µs)
F
I < 2 x I
T =125°C
F
F(AV)
j
V =400V
R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com