Electronic Components Datasheet Search
  English  ▼

X  

LSF0204DPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DPWR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DPWR Datasheet(HTML) 4 Page - Texas Instruments

  LSF0204DPWR Datasheet HTML 1Page - Texas Instruments LSF0204DPWR Datasheet HTML 2Page - Texas Instruments LSF0204DPWR Datasheet HTML 3Page - Texas Instruments LSF0204DPWR Datasheet HTML 4Page - Texas Instruments LSF0204DPWR Datasheet HTML 5Page - Texas Instruments LSF0204DPWR Datasheet HTML 6Page - Texas Instruments LSF0204DPWR Datasheet HTML 7Page - Texas Instruments LSF0204DPWR Datasheet HTML 8Page - Texas Instruments LSF0204DPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LSF0204, LSF0204D
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
www.ti.com
Pin Functions
PIN
NO.
TYPE
DESCRIPTION
NAME
PW, RGY
RUT
YZP
Vref_A
1
1
B2
--
Reference supply voltage; see Application and Implementation section
A1
2
2
A3
I/O
Input/output 1.
A2
3
3
B3
I/O
Input/output 2.
A3
4
4
C3
I/O
Input/output 3.
A4
5
5
D3
I/O
Input/output 4.
NC
6
–
–
--
No connection. Not internally connected.
GND
7
6
D2
--
Ground
Switch enable input; LSF0204: EN is high-active; LSF0204D: EN is
EN
8
12
C2
I
low-active
NC
9
–
–
--
No connection. Not internally connected.
B4
10
7
D1
I/O
Input/output 4.
B3
11
8
C1
I/O
Input/output 3.
B2
12
9
B1
I/O
Input/output 2.
B1
13
10
A1
I/O
Input/output 1.
Vref_B
14
11
A2
--
Reference supply voltage; see Application and Implementation section
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com