Electronic Components Datasheet Search
  English  ▼

X  

LSF0204DPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DPWR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button LSF0204DPWR Datasheet HTML 10Page - Texas Instruments LSF0204DPWR Datasheet HTML 11Page - Texas Instruments LSF0204DPWR Datasheet HTML 12Page - Texas Instruments LSF0204DPWR Datasheet HTML 13Page - Texas Instruments LSF0204DPWR Datasheet HTML 14Page - Texas Instruments LSF0204DPWR Datasheet HTML 15Page - Texas Instruments LSF0204DPWR Datasheet HTML 16Page - Texas Instruments LSF0204DPWR Datasheet HTML 17Page - Texas Instruments LSF0204DPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1000
Frequency (MHz)
LSF0204, LSF0204D
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
www.ti.com
Table 4. Pullup Resistor Values(1)(2)
PULLUP RESISTOR VALUE (
Ω)
15 mA
10 mA
3 mA
VDPU
NOMINAL
+10%(3)
NOMINAL
+10%(3)
NOMINAL
+10%(3)
5 V
310
341
465
512
1550
1705
3.3 V
197
217
295
325
983
1082
2.5 V
143
158
215
237
717
788
1.8 V
97
106
145
160
483
532
1.5 V
77
85
115
127
383
422
1.2 V
57
63
85
94
283
312
(1)
Calculated for VOL = 0.35 V
(2)
Assumes output driver VOL = 0.175 V at stated current
(3)
+10% to compensate for VDD range and resistor tolerance
11.2.1.2.2
LS Family Bandwidth
The maximum frequency of the LSF family is dependent on the application. The device may operate at speeds of
>100MHz gave the correct conditions. The maximum frequency is dependent upon the loading of the application.
The LSF family behaves like a standard switch where the bandwidth of the device is dictated by the on
resistance and on capacitance of the device.
Figure 10 shows a bandwidth measurement of the LSF family using a two-port network analyzer.
Figure 10. 3-dB Bandwidth
The 3-dB point of the LSF family is
≈600MHz; however, this measurement is an analog type of measurement.
For digital applications, the signal should not degrade up to the fifth harmonic of the digital signal. The frequency
bandwidth should be at least five times the maximum digital clock rate. This component of the signal is important
in determining the overall shape of the digital signal. In the case of the LSF family, a digital clock frequency of
greater than 100 MHz may be achieved.
The LSF family does not provide any drive capability. Therefore higher frequency applications will require higher
drive strength from the host side. No pullup resistor is needed on the host side (3.3 V) if the LSF family is being
driven by standard CMOS totem pole output driver. Best practice is to minimize the trace length from the LSF
family on the sink side (1.8 V) to minimize signal degradation.
All fast edges have an infinite spectrum of frequency components; however, there is an inflection (or knee) in the
frequency spectrum of fast edges where frequency components higher than fknee are insignificant in determining
the shape of the signal.
14
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com