Electronic Components Datasheet Search
  English  ▼

X  

LSF0204DPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DPWR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DPWR Datasheet(HTML) 1 Page - Texas Instruments

  LSF0204DPWR Datasheet HTML 1Page - Texas Instruments LSF0204DPWR Datasheet HTML 2Page - Texas Instruments LSF0204DPWR Datasheet HTML 3Page - Texas Instruments LSF0204DPWR Datasheet HTML 4Page - Texas Instruments LSF0204DPWR Datasheet HTML 5Page - Texas Instruments LSF0204DPWR Datasheet HTML 6Page - Texas Instruments LSF0204DPWR Datasheet HTML 7Page - Texas Instruments LSF0204DPWR Datasheet HTML 8Page - Texas Instruments LSF0204DPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Vref_A
Vref_B
EN
GND
A1
A2
A3
A4
B1
B2
B3
B4
LSF0204
SW
SW
SW
SW
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LSF0204, LSF0204D
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-
Pull Application
1 Features
3 Description
The LSF family consists of bidirectional voltage level
1
•
Provides Bidirectional Voltage Translation With No
translators that operate from 0.8 V to 4.5 V (Vref_A)
Direction Terminal
and 1.8 V to 5.5 V (Vref_B). This range allows for
•
Supports up to 100-MHz up Translation and
bidirectional voltage translations between 0.8 V and
Greater Than 100-MHz Down Translation
5.0 V without the need for a direction terminal in
at
≤ 30-pF Capacitor Load and up to 40-MHz
open-drain or push-pull applications. The LSF family
Up/Down Translation at 50-pF Capacitor Load
supports
level
translation
applications
with
transmission speeds greater than 100 MHz for open-
•
Supports Ioff, Partial Power Down Mode (Refer to
drain systems that utilize a 15-pF capacitance and
Feature Description)
165-
Ω pull-up resistor.
•
Allows Bidirectional Voltage Level Translation
When the An or Bn port is LOW, the switch is in the
Between
ON-state and a low resistance connection exists
–
0.8 V
↔ 1.8, 2.5, 3.3, 5 V
between the An and Bn ports. The low Ron of the
–
1.2 V
↔ 1.8, 2.5, 3.3, 5 V
switch allows connections to be made with minimal
propagation delay and signal distortion. The voltage
–
1.8 V
↔ 2.5, 3.3, 5 V
on the A or B side will be limited to Vref_A and can
–
2.5 V
↔ 3.3, 5 V
be pulled up to any level between Vref_A and 5 V.
–
3.3 V
↔ 5 V
This
functionality
allows
a
seamless
translation
•
Low Standby Current
between higher and lower voltages selected by the
user without the need for directional control.
•
5 V Tolerance I/O Port to Support TTL
•
Low Ron Provides Less Signal Distortion
Device Information(1)
•
High-Impedance I/O Terminals For EN = Low
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Flow-Through Pinout for Ease PCB Trace Routing
TSSOP (14)
5.00 mm × 4.40 mm
•
Latch-Up Performance Exceeds 100 mA Per
UQFN (12)
2.00 mm × 1.70 mm
LSF0204x
JESD17
VQFN (14)
3.50 mm × 3.50 mm
•
–40°C to 125°C Operating Temperature Range
DSBGA (12)
1.90 mm × 1.40 mm
•
ESD Performance Tested Per JESD 22
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
–
2000-V Human-Body Model (A114-B, Class II)
–
200-V Machine Model (A115-A)
Simplified Schematic
–
1000-V Charged-Device Model (C101)
2 Applications
•
GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C,
and Other Interfaces in Telecom Infrastructure
•
Industrial
•
Automotive
•
Personal Computing
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LSF0204DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0204DPWR TI2-LSF0204DPWR Datasheet
2Mb / 39P
LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
REVISED APRIL 2021
LSF0204DPWR.B TI2-LSF0204DPWR.B Datasheet
2Mb / 39P
LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
REVISED APRIL 2021
More results

Similar Description - LSF0204DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
4-Bit Bidirectional Level-Shifter/Voltage Translator
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Nexperia B.V. All right...
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
logo
Silicon Mitus, Inc.
SM5520 SILICONMITUS-SM5520 Datasheet
404Kb / 2P
2 Bits Bidirectional Voltage Level Translator
April 2021 Rev. 0.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com