Electronic Components Datasheet Search
  English  ▼

X  

SN54HC74 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC74
Description  Dual D-Type Positive-Edge-Triggered Flip-Flops
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC74 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54HC74 Datasheet HTML 3Page - Texas Instruments SN54HC74 Datasheet HTML 4Page - Texas Instruments SN54HC74 Datasheet HTML 5Page - Texas Instruments SN54HC74 Datasheet HTML 6Page - Texas Instruments SN54HC74 Datasheet HTML 7Page - Texas Instruments SN54HC74 Datasheet HTML 8Page - Texas Instruments SN54HC74 Datasheet HTML 9Page - Texas Instruments SN54HC74 Datasheet HTML 10Page - Texas Instruments SN54HC74 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN54HC74, SN74HC74
www.ti.com
SCLS094E – DECEMBER 1982 – REVISED DECEMBER 2015
Timing Requirements (continued)
over recommended operating free-air temperature range, TA = 25°C (unless otherwise noted)
VCC
TA
MIN
MAX
UNIT
2 V
0
th
Hold time, data after CLK
↑
4.5 V
0
ns
6 V
0
6.7 Switching Characteristics
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 2)
FROM
TO
PARAMETER
VCC
TA
MIN
TYP
MAX UNIT
(INPUT)
(OUTPUT)
TA = 25°C
6
10
2 V
SN54HC74
4.2
SN74HC74
6
TA = 25°C
31
50
fmax
4.5 V
SN54HC74
21
MHz
SN74HC74
25
TA = 25°C
36
60
6 V
SN54HC74
25
SN74HC74
29
TA = 25°C
70
230
2 V
SN54HC74
345
SN74HC74
290
TA = 25°C
20
46
PRE or CLR
Q or Q
4.5 V
SN54HC74
69
SN74HC74
58
TA = 25°C
15
39
6 V
SN54HC74
59
SN74HC74
49
tpd
ns
TA = 25°C
70
175
2 V
SN54HC74
250
SN74HC74
220
TA = 25°C
20
35
CLK
Q or Q
4.5 V
SN54HC74
50
SN74HC74
44
TA = 25°C
15
30
6 V
SN54HC74
42
SN74HC74
37
TA = 25°C
28
75
2 V
SN54HC74
110
SN74HC74
95
TA = 25°C
8
15
tt
Q or Q
4.5 V
SN54HC74
22
ns
SN74HC74
19
TA = 25°C
6
13
6 V
SN54HC74
19
SN74HC74
16
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54HC74 SN74HC74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com