Electronic Components Datasheet Search
  English  ▼

X  

SN54HC74 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC74
Description  Dual D-Type Positive-Edge-Triggered Flip-Flops
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC74 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC74 Datasheet HTML 1Page - Texas Instruments SN54HC74 Datasheet HTML 2Page - Texas Instruments SN54HC74 Datasheet HTML 3Page - Texas Instruments SN54HC74 Datasheet HTML 4Page - Texas Instruments SN54HC74 Datasheet HTML 5Page - Texas Instruments SN54HC74 Datasheet HTML 6Page - Texas Instruments SN54HC74 Datasheet HTML 7Page - Texas Instruments SN54HC74 Datasheet HTML 8Page - Texas Instruments SN54HC74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRE
CLK
D
CLR
Q
Q
C
C
C
C
C
C
C
C
C
C
TG
TG
TG
TG
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54HC74, SN74HC74
SCLS094E – DECEMBER 1982 – REVISED DECEMBER 2015
SNx4HC74 Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
1 Features
3 Description
The SNx4HC74 devices contain two independent D-
1
•
Wide Operating Voltage Range: 2 V to 6 V
type positive-edge-triggered flip-flops. A low level at
•
Outputs Can Drive Up To 10 LSTTL Loads
the preset (PRE) or clear (CLR) inputs sets or resets
•
Low Power Consumption, 40-µA Maximum ICC
the outputs, regardless of the levels of the other
inputs. When PRE and CLR are inactive (high), data
•
Typical tpd = 15 ns
at the data (D) input meeting the setup time
•
±4-mA Output Drive at 5 V
requirements are transferred to the outputs on the
•
Very Low Input Current of 1 µA
positive-going edge of the clock (CLK) pulse. Clock
triggering occurs at a voltage level and is not directly
2 Applications
related to the rise time of CLK. Following the hold-
time interval, data at the D input can be changed
•
Ultrasound System
without affecting the levels at the outputs.
•
Fans
•
Lab Instrumentation
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Vacuum Cleaners
SN74HC74N
PDIP (14)
19.30 mm x 6.40 mm
•
Video Communications System
SN74HC74NS
SO (14)
10.20 mm x 5.30 mm
•
IP Phone: Wired
SN74HC74D
SOIC (14)
8.70 mm x 3.90 mm
SN74HC74DB
SSOP (14)
6.50 mm x 5.30 mm
SN74HC74PW
TSSOP (14)
5.00 mm x 4.40 mm
SNJ54HC74J
CDIP (14)
21.30 mm x 7.60 mm
SNJ54HC74W
CFP (14)
9.20 mm x 6.29 mm
SNJ54HC74FK
LCCC (20)
8.90 mm x 8.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN54HC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
733Kb / 20P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI1-SN54HC74 Datasheet
828Kb / 14P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN54HC74 TI2-SN54HC74 Datasheet
432Kb / 13P
DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
MARCH 2008
SN54HC74 TI2-SN54HC74 Datasheet
670Kb / 25P
SN74HC74-Q1 Automotive Qualified Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
REVISED APRIL 2020
More results

Similar Description - SN54HC74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54L74 NSC-DM54L74 Datasheet
88Kb / 4P
Dual Positive-Edge-Triggered D Flip-Flops
logo
Texas Instruments
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
Dual Positive-Edge-Triggered D-Type Flip-Flops
CD54AC74 TI1-CD54AC74_14 Datasheet
686Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD54ACT74 TI1-CD54ACT74_14 Datasheet
887Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com