Electronic Components Datasheet Search
  English  ▼

X  

VS6663 Datasheet(PDF) 56 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 52Page - STMicroelectronics VS6663 Datasheet HTML 53Page - STMicroelectronics VS6663 Datasheet HTML 54Page - STMicroelectronics VS6663 Datasheet HTML 55Page - STMicroelectronics VS6663 Datasheet HTML 56Page - STMicroelectronics VS6663 Datasheet HTML 57Page - STMicroelectronics VS6663 Datasheet HTML 58Page - STMicroelectronics VS6663 Datasheet HTML 59Page - STMicroelectronics VS6663 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
On-chip image optimization
VS6663
56/64
DocID022316 Rev 3
9
On-chip image optimization
9.1
Mapped couplet correction (Bruce filter)
The mapped couplet defect correction filter is designed to intelligently correct the first defect
in a couplet thereby changing a couplet into a single pixel defect. Single pixel correction is
achieved either by the median filter or by the host (coprocessor, MMP or baseband). The
mapped couplet correction filter operates in both full resolution, and in binned mode.
The mapped couplet correction filter requires exact coordinate information for each of the
couplets to be repaired. The couplet coordinates are stored in non-volatile-memory (NVM)
during production test.
The mapped couplet correction is controlled by register 0x0B05:
0 - Disable
1 - Enable
9.2
Median filter
This is a simple 1-D median filter defect correction which replaces every pixel value by the
median of itself, its predecessor and its successor (respecting the color pattern). The
median filter operates in both full resolution, and in binned mode. It is suggested that this
filter is only used for viewfinder images or other non stored images. (Note that the median
filter will not correct any defective pixels which occur in either the first two or the last two
columns).
The selection of the median filter is controlled using register (0x0B06)
0 - Disable
1 - Enable
9.3
Lens shading correction
The VS6663 has an adaptive (four color temperature) lens shading correction function
which can be used to reduce the effect of roll off in the optical system. Correction is carried
out individually for all four color planes, each gain is calculated based on the distance from
the image centre to the pixel in question using a two factor polynomial (R2 and R4). The lens
shading filter operates in both full resolution, and in binned mode. The correction applied is
75%.
In order to optimize the AV algorithm, the coefficients for each device are calculated under
D65 (Fluorescent Philips Graphica Pro 965) lighting conditions and programmed in the NVM
memory at production test. (The coefficients from the NVM can be overwritten).
Settings for three other color temperatures (Cool White, U30, and Horizon) are calculated
from characterization data and these are stored in the NVM memory.
The calculation of the color temperature is performed by the sensor using the white balance
gains. The white balance gains can either be calculated internally by the sensor or they can
be calculated by the host and written back to the sensor.
Figure 21 provides an example of lens shading correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com