Electronic Components Datasheet Search
  English  ▼

X  

VS6663 Datasheet(PDF) 51 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 47Page - STMicroelectronics VS6663 Datasheet HTML 48Page - STMicroelectronics VS6663 Datasheet HTML 49Page - STMicroelectronics VS6663 Datasheet HTML 50Page - STMicroelectronics VS6663 Datasheet HTML 51Page - STMicroelectronics VS6663 Datasheet HTML 52Page - STMicroelectronics VS6663 Datasheet HTML 53Page - STMicroelectronics VS6663 Datasheet HTML 54Page - STMicroelectronics VS6663 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
DocID022316 Rev 3
51/64
VS6663
Electrical characteristics
55
7.6.2
CCI interface - timing characteristics
Figure 19. CCI AC characteristics
All timings are measured from either 0.3 VDIG or 0.7 VDIG.
Table 32. CCI interface - timing characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
tSCL
SCL clock frequency
0
-
400
kHz
tLOW
Clock pulse width low
1.3
-
-
μs
tHIGH
Clock pulse width high
0.6
-
-
μs
tSP
Pulse width of spikes which are
suppressed by the input filter
0
-
50
ns
tBUF
Bus free time between transmissions
1.3
-
-
μs
tHD.STA
Start hold time
0.6
-
-
μs
tSU.STA
Start set-up time
0.6
-
-
μs
tHD.DAT
Data in hold time
0
-
0.9
μs
tSU.DAT
Data in set-up time
100
-
-
ns
tR
SCL/SDA rise time
20+0.1 Cb(1)
1.
Cb = total capacitance of one bus line in pF
-
300
ns
tF
SCL/SDA fall time
20+0.1 Cb(1)
-
300
ns
tSU.STO
Stop set-up time
0.6
-
-
μs
Ci/o
Input/output capacitance (SDA)
-
-
8
pF
Cin
Input capacitance (SCL)
-
-
6
pF
SDA
SCL
tHD.STA
tR
tHIGH
tF
tSU.DAT
tHD.DAT
tSU.STA
tSU.STO
...
...
tHD.STA
tLOW
tBUF
stop
start
stop
start
0.7 VDIG
0.3 VDIG
0.3 VDIG
0.7 VDIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com