Electronic Components Datasheet Search
  English  ▼

X  

VS6663 Datasheet(PDF) 38 Page - STMicroelectronics

Part # VS6663
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VS6663 Datasheet HTML 34Page - STMicroelectronics VS6663 Datasheet HTML 35Page - STMicroelectronics VS6663 Datasheet HTML 36Page - STMicroelectronics VS6663 Datasheet HTML 37Page - STMicroelectronics VS6663 Datasheet HTML 38Page - STMicroelectronics VS6663 Datasheet HTML 39Page - STMicroelectronics VS6663 Datasheet HTML 40Page - STMicroelectronics VS6663 Datasheet HTML 41Page - STMicroelectronics VS6663 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Video data interface
VS6663
38/64
DocID022316 Rev 3
Dummy pixel data
This is invalid pixel data. The receiver should always ignore dummy pixel data. The VS6663
has 0 dummy columns.
Visible pixel data
The visible pixels contain valid image data.The correct integration time and analog gain for
the visible pixels is specified in the blank lines at the start of the frame.The number of visible
pixels can be varied with the requested frame size.
Dark pixel data (light shielded pixels)
The VS6663 has 0 dark pixels.
Black pixel data (zero integration time)
The VS6663 has 0 black pixels.
Manufacturer specific pixel data
The VS6663 has 0 manufacturer specific pixels.
Interline padding/line blanking
During interline padding all bits in the data stream in a CCP2 frame are set to 1.
In a CSI-2 frame there is no concept of line blanking being transmitted, the sensor will
simply spend a longer time in the LP state between active line data.
Interframe padding / frame blanking
During interframe padding all bits in the data stream in a CCP2 frame are set to 1.
In a CSI-2 frame there is no concept of frame blanking being transmitted, the sensor will
simply spend a longer time in the LP state at the end of the active data for a frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com