Electronic Components Datasheet Search
  English  ▼

X  

ACE4410M Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4410M
Description  N-Channel 30-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4410M Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4410M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE4410M
N-Channel 30-V MOSFET
VER 1.1
3
Electrical Characteristics TA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Gate Source Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
1
V
Gate Body Leakage
IGSS
VDS=0V, VGS=±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=24V, VGS=0V
1
uA
VDS=24V, VGS=0V, TJ=55℃
25
On-State Drain-Current
a
ID(on)
VDS=5V, VGS=10V
20
A
Static Drain-Source On-Resistance
a
rDS(ON)
VGS=10V,ID=10A
13.5
m
Ω
VGS=4.5V,ID=8A
20
Forward Transconductance
a
gfS
VGS=15V,ID=10A
40
S
Diode Forward Voltage
a
VSD
IS=2.3A ,VGS=0V
0.7
V
Dynamic
b
Total Gate Charge
Qg
VDS=15V, VGS=4.5V,
ID=10A
12.5
nC
Gate-Source Charge
Qgs
2.6
Gate-Drain Charge
Qgd
4.6
Input Capacitance
Ciss
VDS=15V, VGS=0V
f=1MHz
1191
pF
Output Capacitance
Coss
412
Reverse Transfer Capacitance
Crss
160
Turn-On Delay Time
td(on)
VDD=25V, ,RL=25
Ω
ID=1A,VGEN=10V
20
nS
Rise Time
tf
9
Turn-Off Delay Time
td(off)
70
Fall Time
tf
20
Note:
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com