Electronic Components Datasheet Search
  English  ▼

X  

ACE4410M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4410M
Description  N-Channel 30-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4410M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4410M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE4410M
N-Channel 30-V MOSFET
VER 1.1
1
Description
The ACE4410M utilize a high cell density trench process to provide low rDS(on) and to ensure minimal
power loss and heat dissipation.
Typical applications are DC-DC converters and power management in portable and battery-powered
products such as computers, printers, PCMCIA cards, cellular and cordless telephones.
Features
• Low r
DS(on) provides higher efficiency and extends battery life
• Low thermal impedance copper leadframe
• SOP8 saves board space
• Fast switching speed
• High performance trench technology
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
a
TA=25
OC
ID
13
A
TA=70
OC
11
Pulse Drain Current
b
IDM
50
Continuous Drain Current (Diode Continuous)
a
Is
2.3
A
Power Dissipation
a
TA=25
OC
PD
3.1
W
TA=70
OC
2.2
Operating Junction and Storage Temperature Range
TJ,TSTG -55 to 150
OC
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Case
a
t≦5sec
RθJC
25
℃/W
Maximum Junction-to-Ambient
a
t≦5sec
RθJA
50
℃/W
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature


Similar Part No. - ACE4410M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4409B ACE-ACE4409B Datasheet
1Mb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
logo
VBsemi Electronics Co.,...
ACE4409BFM+H VBSEMI-ACE4409BFM+H Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
ACE4409BFM-H VBSEMI-ACE4409BFM-H Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
logo
ACE Technology Co., LTD...
ACE4435B ACE-ACE4435B Datasheet
495Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE4440B ACE-ACE4440B Datasheet
823Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.2
More results

Similar Description - ACE4410M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4356DY VISHAY-SI4356DY Datasheet
67Kb / 6P
N-Channel 30-V MOSFET
14-Apr-03
logo
ACE Technology Co., LTD...
ACE1430M ACE-ACE1430M Datasheet
484Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
ACE7402M ACE-ACE7402M Datasheet
391Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
ACE2308E ACE-ACE2308E Datasheet
381Kb / 6P
N-Channel 30-V MOSFET
VER 1.1
ACE7438M ACE-ACE7438M Datasheet
398Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4874BDY VISHAY-SI4874BDY_17 Datasheet
164Kb / 8P
N-Channel 30-V MOSFET
06-Apr-09
SI4874BDY VISHAY-SI4874BDY_V01 Datasheet
162Kb / 8P
N-Channel 30-V MOSFET
06-Apr-09
SI4430BD VISHAY-SI4430BD_V01 Datasheet
166Kb / 8P
N-Channel 30-V MOSFET
09-Feb-09
SI4430BDY VISHAY-SI4430BDY_V01 Datasheet
166Kb / 8P
N-Channel 30-V MOSFET
09-Feb-09
logo
Nexperia B.V. All right...
PMPB100ENE NEXPERIA-PMPB100ENE Datasheet
321Kb / 15P
30 V, N-channel MOSFET
26 April 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com