Electronic Components Datasheet Search
  English  ▼

X  

ACE4410M Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE4410M
Description  N-Channel 30-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4410M Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE4410M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4410M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ACE4410M
N-Channel 30-V MOSFET
VER 1.1
4
Typical Performance Characteristics
VDS, DRAIN-SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
1. On-Region Characteristics
2. On-Resistance with Drain Current
TJ Junction Temperature (C)
VGS, Gate To Source Voltage (V)
3. On-Resistance Variation with Temperature
4.On-Resistance Variation with
VGS Gate to Source Voltage (V)
VSD, BODY DIODE FORWARD VOLTAGE (V)
5. Transfer Characteristics
6. Body Diode Forward Voltage Variation
with Source Current and Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com