Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0101DBVR
Description  1-Bit Bidirectional Level-Shifting and Voltage Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0101DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TXB0101DBVR Datasheet HTML 1Page - Texas Instruments TXB0101DBVR Datasheet HTML 2Page - Texas Instruments TXB0101DBVR Datasheet HTML 3Page - Texas Instruments TXB0101DBVR Datasheet HTML 4Page - Texas Instruments TXB0101DBVR Datasheet HTML 5Page - Texas Instruments TXB0101DBVR Datasheet HTML 6Page - Texas Instruments TXB0101DBVR Datasheet HTML 7Page - Texas Instruments TXB0101DBVR Datasheet HTML 8Page - Texas Instruments TXB0101DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TXB0101
SCES639C – JANUARY 2007 – REVISED JUNE 2015
www.ti.com
Table of Contents
6.17
Typical Characteristics ............................................ 9
1
Features .................................................................. 1
7
Parameter Measurement Information ................ 10
2
Applications ........................................................... 1
8
Detailed Description ............................................ 11
3
Description ............................................................. 1
8.1
Overview ................................................................. 11
4
Revision History..................................................... 2
8.2
Functional Block Diagram ....................................... 11
5
Pin Configuration and Functions ......................... 3
8.3
Feature Description................................................. 11
6
Specification........................................................... 4
8.4
Device Functional Modes........................................ 12
6.1
Absolute Maximum Ratings ..................................... 4
9
Application and Implementation ........................ 13
6.2
ESD Ratings.............................................................. 4
9.1
Application Information............................................ 13
6.3
Recommended Operating Conditions ....................... 4
9.2
Typical Application ................................................. 13
6.4
Thermal Information .................................................. 5
10
Power Supply Recommendations ..................... 16
6.5
Electrical Characteristics .......................................... 5
11
Layout................................................................... 16
6.6
Timing Requirements, VCCA = 1.2 V ........................ 6
11.1
Layout Guidelines ................................................. 16
6.7
Timing Requirements, VCCA = 1.5 V ± 0.1 V ........... 6
11.2
Layout Example .................................................... 16
6.8
Timing Requirements, VCCA = 1.8 V ± 0.15 V ......... 6
6.9
Timing Requirements, VCCA = 2.5 V ± 0.2 V ........... 6
12
Device and Documentation Support ................. 17
6.10
Timing Requirements, VCCA = 3.3 V ± 0.3 V ......... 6
12.1
Community Resources.......................................... 17
6.11
Switching Characteristics, VCCA = 1.2 V ................ 7
12.2
Trademarks ........................................................... 17
6.12
Switching Characteristics, VCCA = 1.5 V ± 0.1 V ... 7
12.3
Electrostatic Discharge Caution ............................ 17
6.13
Switching Characteristics, VCCA = 1.8 V ± 0.15 V . 7
12.4
Glossary ................................................................ 17
6.14
Switching Characteristics, VCCA = 2.5 V ± 0.2 V ... 8
13
Mechanical, Packaging, and Orderable
Information ........................................................... 17
6.15
Switching Characteristics, VCCA = 3.3 V ± 0.3 V ... 8
6.16
Operating Characteristics........................................ 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May 2012) to Revision C
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
Removed Ordering Information table .................................................................................................................................... 1
Changes from Revision A (November 2008) to Revision B
Page
•
Added notes to pin out graphics............................................................................................................................................. 3
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com