Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0101DBVR
Description  1-Bit Bidirectional Level-Shifting and Voltage Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0101DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TXB0101DBVR Datasheet HTML 9Page - Texas Instruments TXB0101DBVR Datasheet HTML 10Page - Texas Instruments TXB0101DBVR Datasheet HTML 11Page - Texas Instruments TXB0101DBVR Datasheet HTML 12Page - Texas Instruments TXB0101DBVR Datasheet HTML 13Page - Texas Instruments TXB0101DBVR Datasheet HTML 14Page - Texas Instruments TXB0101DBVR Datasheet HTML 15Page - Texas Instruments TXB0101DBVR Datasheet HTML 16Page - Texas Instruments TXB0101DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data
GND
GND
GND
Data
A
B
VCCA
VCCB
OE
1.8-V
System
Controller
3.3-V
System
1.8 V
3.3 V
TXB0101
TXB0101
www.ti.com
SCES639C – JANUARY 2007 – REVISED JUNE 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TXB0101 can be used in level-translation applications for interfacing devices or systems operating at
different interface voltages with one another. It can only translate push-pull CMOS logic outputs. If for open-drain
signal translation, please refer to TI TXS010X products. Any external pulldown or pullup resistors are
recommended larger than 50 k
Ω.
9.2 Typical Application
Figure 6. Typical Application Circuit
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 1. And make sure that VCCA ≤ VCCB.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
1.2 V to 3.6 V
Output voltage range
1.65 V to 5.5 V
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com