Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0101DBVR
Description  1-Bit Bidirectional Level-Shifting and Voltage Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0101DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TXB0101DBVR Datasheet HTML 7Page - Texas Instruments TXB0101DBVR Datasheet HTML 8Page - Texas Instruments TXB0101DBVR Datasheet HTML 9Page - Texas Instruments TXB0101DBVR Datasheet HTML 10Page - Texas Instruments TXB0101DBVR Datasheet HTML 11Page - Texas Instruments TXB0101DBVR Datasheet HTML 12Page - Texas Instruments TXB0101DBVR Datasheet HTML 13Page - Texas Instruments TXB0101DBVR Datasheet HTML 14Page - Texas Instruments TXB0101DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
OE
A
VCCA
VCCB
One-Shot
4
NŸ
One-Shot
4
NŸ
B
TXB0101
www.ti.com
SCES639C – JANUARY 2007 – REVISED JUNE 2015
8 Detailed Description
8.1 Overview
The TXB0101 device is a 1-bit directionless level-shifting and voltage translator specifically designed for
translating logic voltage levels. The A port is able to accept I/O voltages ranging from 1.2 V to 3.6 V, while the B
port can accept I/O voltages from 1.65 V to 5.5 V. The device is a buffered architecture with edge rate
accelerators (one-shots) to improve the overall data rate. This device can only translate push-pull CMOS logic
outputs. If for open-drain signal translation, please refer to TI TXS010X products.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Architecture
The TXB0101 architecture (see Figure 5) does not require a direction-control signal to control the direction of
data flow from A to B or from B to A. In a DC state, the output drivers of the TXB0101 can maintain a high or low,
but are designed to be weak, so that they can be overdriven by an external driver when data on the bus starts
flowing the opposite direction.
The output one-shots detect rising or falling edges on the A or B ports. During a rising edge, the one-shot turns
on the PMOS transistors (T1, T3) for a short duration, which speeds up the low-to-high transition. Similarly,
during a falling edge, the one-shot turns on the NMOS transistors (T2, T4) for a short duration, which speeds up
the high-to-low transition. The typical output impedance during output transition is 70
Ω at VCCO = 1.2 V to 1.8 V,
50
Ω at VCCO = 1.8 V to 3.3 V, and 40 Ω at VCCO = 3.3 V to 5 V.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com