Electronic Components Datasheet Search
  English  ▼

X  

ACST4 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # ACST4
Description  AC POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

ACST4 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  ACST4 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACST4 Series
4/9
The ACST4 device has been designed to switch on & off low power, but highly inductive or resistive loads
such as dishwashers spray pumps, and air-conditioners fan.
Pin COM: Common drive reference to connect to the power line neutral
Pin G: Switch Gate input to connect to the digital controller
Pin OUT: Switch Output to connect to the load
ACST4-7S triggering current has to be sunk from the gate pin G. The switch can then be driven directly by
logic level circuits through a resistor as shown on the typical application diagram ( Fig A ).
Thanks to its thermal and turn off commutation performances, the ACST4 switch is able to drive with no
turn off additional snubber an inductive load up to 4 A.
AC LINE SWITCH BASIC APPLICATION
OUT
COM
G
ACST4
ST72 MCU
N
AC
MAINS
L
R
- Vcc
M
LOAD
OUT
L
TYPICAL APPLICATION DIAGRAM (Fig. A)
www.kersemi.com
Information offers:http://www.kkg.com.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com