Electronic Components Datasheet Search
  English  ▼

X  

ACST4 Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # ACST4
Description  AC POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

ACST4 Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

  ACST4 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ACST4 Series
7/9
0
5
10
15
20
25
30
35
1
10
100
1000
Number of cycles
Non repetitive
T
j initial=25°C
Repetitive
T
C=100°C
t=20ms
I
(A)
TSM
Fig. 8: Surge peak on-state current versus number
of cycles.
1
10
100
1000
0.01
0.10
1.00
10.00
tp(ms)
T
j initial=25°C
dI/dt limitation:
50A/µs
I
TSM
I²t
I
(A), I²t (A²s)
TSM
Fig. 9: Non repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms, and
corresponding value of I²t.
0.10
1.00
10.00
100.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
(V)
TM
Tj max. :
V
to= 0.90 V
R
d= 100 mΩ
T
j=25°C
T
j=125°C
I
(A)
TM
Fig.
10:
On-state
characteristics
(maximum
values).
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
S(cm²)
DPAK
Rth(j-a)(°C/W)
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (printed circuit
board FR4, copper thickness: 35µm)
0
1
2
3
4
5
6
25
50
75
100
125
Tj(°C)
V
out=300V
(dI/dt)c [Tj] / (dI/dt)c [Tj = 125°C]
Fig. 7: Relative variation of critical rate of decrease
of main current versus junction temperature.
www.kersemi.com
Information offers:http://www.kkg.com.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com