Electronic Components Datasheet Search
  English  ▼

X  

ACST4 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # ACST4
Description  AC POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

ACST4 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  ACST4 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACST4 Series
3/9
Symbol
Test Conditions
ACST4-7S
ACST4-7C
Unit
IGT
VOUT=12V (DC)
RL=33
Ω
QI - QII - QIII
Tj=25°C
MAX
10
25
mA
VGT
VOUT=12V (DC)
RL=33
Ω
QI - QII - QIII
Tj=25°C
MAX
1
1.1
V
VGD
VOUT=VDRM RL=3.3k
Ω
Tj=125°C
MIN
0.2
V
IH
IOUT= 100mA gate open
Tj=25°C
MAX
20
35
mA
IL
IG=2xIGtmax
Tj=25°C
MAX
40
60
mA
VTM
IOUT = 5.6A
tp=380
µs
Tj=25°C
MAX
1.5
V
VTO
Tj=125°C
MAX
0.90
V
Rd
Tj=125°C
MAX
100
m
Ω
IDRM /
IRRM
VOUT = 700V
Tj=25°C
MAX
10
µA
Tj=125°C
MAX
500
dV/dt
VOUT=460V gate open
Tj=110°C
MIN
200
500
V/
µs
(dI/dt)c
(dV/dt)c = 15V/
µs
Tj=125°C
MIN
2.0
2.5
A/ms
VCL
ICL = 1mA
tp=1ms
Tj=25°C
TYP
1100
V
ELECTRICAL CHARACTERISTICS
For either positive or negative polarity of pin OUT voltage in respect to pin COM voltage.
Parameter Symbol
Parameter description
IGT
Triggering gate current
VGT
Triggering gate voltage
VGD
Non-triggering gate voltage
IH
Holding current
IL
Latching current
VTM
Peak on-state voltage drop
VTO
On state threshold voltage
Rd
On state dynamic resistance
IDRM /IRRM
Maximum forward or reverse leakage current
dV/dt
Critical rate of rise of off-state voltage
(dV/dt)c
Critical rate of rise of commutating off-state voltage
(dI/dt)c
Critical rate of decrease of commutating on-state current
VCL
Clamping voltage
ICL
Clamping current
PARAMETER DESCRIPTION
www.kersemi.com
Information offers:http://www.kkg.com.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com