Electronic Components Datasheet Search
  English  ▼

X  

SPU07N20 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPU07N20
Description  SIPMOS Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPU07N20 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPU07N20 Datasheet HTML 1Page - Infineon Technologies AG SPU07N20 Datasheet HTML 2Page - Infineon Technologies AG SPU07N20 Datasheet HTML 3Page - Infineon Technologies AG SPU07N20 Datasheet HTML 4Page - Infineon Technologies AG SPU07N20 Datasheet HTML 5Page - Infineon Technologies AG SPU07N20 Datasheet HTML 6Page - Infineon Technologies AG SPU07N20 Datasheet HTML 7Page - Infineon Technologies AG SPU07N20 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SPD 07N20
Data Sheet
5
05.99
Power Dissipation
Ptot = f (TC)
0
20
40
60
80
100
120
˚C
160
TC
0
5
10
15
20
25
30
35
W
45
SPD07N20
Drain current
ID = f (TC)
parameter:
VGS ≥ 10 V
0
20
40
60
80
100
120
˚C
160
TC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
A
7.5
SPD07N20
Transient thermal impedance
ZthJC = f (tp)
parameter :
D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-3
10
-2
10
-1
10
0
10
1
10
K/W
SPD07N20
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50
Safe operating area
ID = f (VDS)
parameter :
D = 0 , TC = 25 ˚C
10
0
10
1
10
2
10
3
V
VDS
-1
10
0
10
1
10
2
10
A
SPD07N20
DC
10 ms
1 ms
100 µs
t
p
= 22.0µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com