Electronic Components Datasheet Search
  English  ▼

X  

SPU07N20 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPU07N20
Description  SIPMOS Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPU07N20 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPU07N20 Datasheet HTML 1Page - Infineon Technologies AG SPU07N20 Datasheet HTML 2Page - Infineon Technologies AG SPU07N20 Datasheet HTML 3Page - Infineon Technologies AG SPU07N20 Datasheet HTML 4Page - Infineon Technologies AG SPU07N20 Datasheet HTML 5Page - Infineon Technologies AG SPU07N20 Datasheet HTML 6Page - Infineon Technologies AG SPU07N20 Datasheet HTML 7Page - Infineon Technologies AG SPU07N20 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPD 07N20
Data Sheet
2
05.99
Thermal Characteristics
Parameter
Values
Symbol
Unit
typ.
max.
min.
Characteristics
RthJC
-
3.1
K/W
Thermal resistance, junction - case
-
Thermal resistance, junction - ambient, leded
RthJA
-
100
-
-
-
-
75
50
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area1)
RthJA
Electrical Characteristics, at
Tj = 25 ˚C, unless otherwise specified
Parameter
Symbol
Unit
Values
min.
max.
typ.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA
-
V(BR)DSS
200
-
V
Gate threshold voltage,
VGS = VDS
ID = 1 mA
VGS(th)
4
3
2.1
Zero gate voltage drain current
VDS = 200 V, VGS = 0 V, Tj = 25 ˚C
VDS = 200 V, VGS = 0 V, Tj = 125 ˚C
-
-
IDSS
µA
1
100
0.1
-
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
nA
100
Drain-Source on-state resistance
VGS = 10 V, ID = 4.5 A
RDS(on)
-
0.3
0.4
Ω
1 Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for drain
connection. PCB is vertical without blown air.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com