Electronic Components Datasheet Search
  English  ▼

X  

SPU07N20 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPU07N20
Description  SIPMOS Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPU07N20 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPU07N20 Datasheet HTML 1Page - Infineon Technologies AG SPU07N20 Datasheet HTML 2Page - Infineon Technologies AG SPU07N20 Datasheet HTML 3Page - Infineon Technologies AG SPU07N20 Datasheet HTML 4Page - Infineon Technologies AG SPU07N20 Datasheet HTML 5Page - Infineon Technologies AG SPU07N20 Datasheet HTML 6Page - Infineon Technologies AG SPU07N20 Datasheet HTML 7Page - Infineon Technologies AG SPU07N20 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
1
05.99
SIPMOS
® Power Transistor
Product Summary
Drain source voltage
200
VDS
V
Drain-Source on-state resistance
Ω
0.4
RDS(on)
ID
Continuous drain current
7
A
Features
• N channel
• Enhancement mode
• Avalanche rated
• dv/dt rated
Pin 1
Pin 2
Pin 3
G
D
S
Packaging
Type
Package
Ordering Code
SPD07N20
Tape and Reel
P-TO252
Q67040-S4120-A2
SPU07N20
Tube
Q67040-S4112-A2
P-TO251
Maximum Ratings, at
Tj = 25 ˚C, unless otherwise specified
Parameter
Symbol
Unit
Value
Continuous drain current
TC = 25 ˚C
TC = 100 ˚C
7
4.5
ID
A
Pulsed drain current
TC = 25 ˚C
IDpulse
28
Avalanche energy, single pulse
ID = 7 A, VDD = 50 V, RGS = 25 Ω
mJ
EAS
120
Avalanche energy, periodic limited by
Tjmax
4
EAR
Reverse diode d
v/dt
IS = 7 A, VDS = 160 V, di/dt = 200 A/µs,
Tjmax = 175 ˚C
d
v/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC = 25 ˚C
Ptot
40
W
Operating and storage temperature
Tj , Tstg
˚C
-55... +175
55/150/56
IEC climatic category; DIN IEC 68-1
Preliminary Data
SPD 07N20


Similar Part No. - SPU07N20

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPU07N20G INFINEON-SPU07N20G Datasheet
830Kb / 10P
SIPMOS횘 Power Transistor Features N channel Enhancement mode Avalanche rated
Rev. 2.4 2008-09-01
logo
Inchange Semiconductor ...
SPU07N20G ISC-SPU07N20G Datasheet
246Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - SPU07N20

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
SIPMOS Power Transistor
05.99
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
SIPMOS Power Transistor
05.99
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
SIPMOS Power Transistor
03/99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
SIPMOS Power-Transistor
2001-08-24
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
SIPMOS Power Transistor
06.99
BSO613SPVG INFINEON-BSO613SPVG Datasheet
1Mb / 9P
SIPMOS Power-Transistor
Rev.1.3 2007-03-02
BUZ32H INFINEON-BUZ32H Datasheet
408Kb / 10P
SIPMOS Power Transistor
Rev. 2.4 2009-11-10
SPP18P06PG INFINEON-SPP18P06PG_10 Datasheet
454Kb / 9P
SIPMOS Power-Transistor
Rev1.9 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com