Electronic Components Datasheet Search
  English  ▼

X  

DRV8843PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8843PWPR
Description  Dual H-Bridge Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8843PWPR Datasheet(HTML) 5 Page - Texas Instruments

  DRV8843PWPR Datasheet HTML 1Page - Texas Instruments DRV8843PWPR Datasheet HTML 2Page - Texas Instruments DRV8843PWPR Datasheet HTML 3Page - Texas Instruments DRV8843PWPR Datasheet HTML 4Page - Texas Instruments DRV8843PWPR Datasheet HTML 5Page - Texas Instruments DRV8843PWPR Datasheet HTML 6Page - Texas Instruments DRV8843PWPR Datasheet HTML 7Page - Texas Instruments DRV8843PWPR Datasheet HTML 8Page - Texas Instruments DRV8843PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DRV8843
www.ti.com
SLVSAS8D – APRIL 2011 – REVISED NOVEMBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Power supply voltage range
VMx
–0.3
47
V
Power supply ramp rate
VMx
1
V/µs
Digital pin voltage range
–0.5
7
V
Input voltage
VREF
–0.3
4
V
ISENSEx pin voltage(3)
–0.8
0.8
V
Peak motor drive output current, t < 1
μS
Internally limited
A
Continuous motor drive output current(4)
0
2.5
A
Continuous total power dissipation
See Thermal Information.
Operating virtual junction temperature range, TJ
–40
150
°C
Operating ambient temperature range, TA
–40
85
°C
Storage Temperature, TSTG
–60
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Transients of ±1 V for less than 25 ns are acceptable.
(4)
Power dissipation and thermal limits must be observed.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD) Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VM
Motor power supply voltage range(1)
8.2
45
V
VREF
VREF input voltage(2)
1
3.5
V
IV3P3
V3P3OUT load current
0
1
mA
fPWM
Externally applied PWM frequency
0
100
kHz
(1)
All VM pins must be connected to the same supply voltage.
(2)
Operational at VREF between 0 V and 1 V, but accuracy is degraded.
6.4 Thermal Information
DRV8843
THERMAL METRIC(1)
PWP (HTSSOP)
UNIT
28 PINS
RθJA
Junction-to-ambient thermal resistance
31.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15.9
°C/W
RθJB
Junction-to-board thermal resistance
5.6
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
5.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV8843



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com