Electronic Components Datasheet Search
  English  ▼

X  

DRV8843PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8843PWPR
Description  Dual H-Bridge Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8843PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8843PWPR Datasheet HTML 2Page - Texas Instruments DRV8843PWPR Datasheet HTML 3Page - Texas Instruments DRV8843PWPR Datasheet HTML 4Page - Texas Instruments DRV8843PWPR Datasheet HTML 5Page - Texas Instruments DRV8843PWPR Datasheet HTML 6Page - Texas Instruments DRV8843PWPR Datasheet HTML 7Page - Texas Instruments DRV8843PWPR Datasheet HTML 8Page - Texas Instruments DRV8843PWPR Datasheet HTML 9Page - Texas Instruments DRV8843PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DRV8843
SLVSAS8D – APRIL 2011 – REVISED NOVEMBER 2015
www.ti.com
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVM
VM operating supply current
VM = 24 V, fPWM < 50 kHz
5
8
mA
IVMQ
VM sleep mode supply current
VM = 24 V
10
20
μA
VUVLO
VM undervoltage lockout voltage
VM rising
7.8
8.2
V
V3P3OUT REGULATOR
V3P3
V3P3OUT voltage
IOUT = 0 to 1 mA
3.2
3.3
3.4
V
LOGIC-LEVEL INPUTS
VIL
Input low voltage
0.6
0.7
V
VIH
Input high voltage
2.2
5.25
V
VHYS
Input hysteresis
0.3
0.45
0.6
V
IIL
Input low current
VIN = 0
–20
20
μA
IIH
Input high current
VIN = 3.3 V
100
μA
RPD
Internal pulldown resistance
100
k
Ω
nFAULT OUTPUT (OPEN-DRAIN OUTPUT)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
μA
DECAY INPUT
VIL
Input low threshold voltage
For slow decay (brake) mode
0
0.8
V
VIH
Input high threshold voltage
For fast decay (coast) mode
2
V
IIN
Input current
±40
μA
RPU
Internal pullup resistance (to 3.3 V)
130
k
Ω
RPD
Internal pulldown resistance
80
k
Ω
H-BRIDGE FETS
VM = 24 V, IO = 1 A, TJ = 25°C
0.2
HS FET on resistance
VM = 24 V, IO = 1 A, TJ = 85°C
0.25
0.32
RDS(ON)
Ω
VM = 24 V, IO = 1 A, TJ = 25°C
0.2
LS FET on resistance
VM = 24 V, IO = 1 A, TJ = 85°C
0.25
0.32
IOFF
Off-state leakage current
–20
20
μA
MOTOR DRIVER
fPWM
Internal current control PWM frequency
50
kHz
tBLANK
Current sense blanking time
3.75
μs
tR
Rise time
30
200
ns
tF
Fall time
30
200
ns
PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
3
A
tTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C
CURRENT CONTROL
IREF
VREF input current
VREF = 3.3 V
–3
3
μA
xVREF = 3.3 V, 100% current setting
635
660
685
VTRIP
xISENSE trip voltage
xVREF = 3.3 V, 71% current setting
445
469
492
mV
xVREF = 3.3 V, 38% current setting
225
251
276
AISENSE
Current sense amplifier gain
Reference only
5
V/V
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DRV8843



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com