Electronic Components Datasheet Search
  English  ▼

X  

TPIC2010 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2010
Description  Serial I/F Controlled 9-Channel Motor-Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2010 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPIC2010 Datasheet HTML 17Page - Texas Instruments TPIC2010 Datasheet HTML 18Page - Texas Instruments TPIC2010 Datasheet HTML 19Page - Texas Instruments TPIC2010 Datasheet HTML 20Page - Texas Instruments TPIC2010 Datasheet HTML 21Page - Texas Instruments TPIC2010 Datasheet HTML 22Page - Texas Instruments TPIC2010 Datasheet HTML 23Page - Texas Instruments TPIC2010 Datasheet HTML 24Page - Texas Instruments TPIC2010 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
TPIC2010
www.ti.com
SLIS170 – DECEMBER 2015
8.3.1.4 Thermal Protection (TSD)
The thermal protection (TSD) is a protect function which intercepts an output and suspends an operation when
the IC temperature exceed a maximum permissible on a safety. TSD makes an output Hi-Z when the
temperature rises up and a threshold value is exceeded. There’re two levels for threshold “Alert” and “Trip”.
Alarm is given by status register “TSD_FAULT_” on “Alert” level with 135°C. It continues rising up temperature,
the register “TSD_” is set at 150°C and the driver output changes HI-Z. If temperature falls and is reached
135°C, it will output again. TPIC2010 has total 12 temperature sensors in each circuit block. Particular sensor is
assigned to appropriate status flag in List 10 OCP threshold.
Table 3. Thermal Sensor Assignment
CIRCUIT
ALERT (°C)
TRIP (°C)
RELEASE (°C)
ALERT FLAG
TRIP FLAG
U
130
145
130
TSD_FAULT_SPM
TSD_SPM
V
130
145
130
TSD_FAULT_SPM
TSD_SPM
W
130
145
130
TSD_FAULT_SPM
TSD_SPM
TLT
130
145
130
TSD_FAULT_ACT
TSD_ACT
FCS
130
145
130
TSD_FAULT_ACT
TSD_ACT
TRC
130
145
130
TSD_FAULT_ACT
TSD_ACT
SLED1
130
145
130
TSD_FAULT_ACT
TSD_ACT
SLED2
130
145
130
TSD_FAULT_ACT
TSD_ACT
STP
130
145
130
TSD_FAULT_ACT
TSD_ACT
LOAD
130
145
130
TSD_FAULT_ACT
TSD_ACT
LED/CSW
130
145
130
TSD_FAULT_LEDCSW
TSD_ LEDCSW
2ch DCDC
130
145
130
TSD_FAULT_SWR
TSD_SWR
8.3.1.5 Actuator Temperature Protection (ACTTIMER)
TPIC2010 has Actuator protect function named ACTTIMER. This function enables to avoid from being broken by
setting actuator channel output to HIZ when actuator coil current exceeds the specific value. Up to now, be used
a simple actuator protect function such like exceeding max current with continuous time. However these types
were not accurate. This new protection enables to calculate heat accumulation and judge correctly. When this
function operates, load channel output will be Hi-Z, too. And spindle channel will be forced “Auto short brake”
and disc motor will stop.
It’s able to know the protection has occurred by checking Fault register ACTTIMER_FAULT (REG7F) and
ACT_TIMER_PROT (REG78). ACTTIMER_FAULT has a character of advance notice, is set before detecting
ACT_TIMER_PROT. Once an ACT_TIMER_PROT is set, even if temperature falls, it will not release protection
automatically. It’s necessary to clear the flag by setting RST_ERR_FLAG (REG77) or setting 0 to ACTTEMPTH
(REG72). ACTTIMER function is able to disable by setting H to ACTPROT_OFF (REG72) or setting 0 to
ACTTEMPTH (REG72).
In order to acquire the optimal value for ACTTEMPTH, you should set device into the condition of the detection
level, and reading the value of ACTTEMP. Because of the present value can be read from ACTTEMP (REG78).
(1)
(1)
The ACTTEMP data is updated on Register in ACTPROT_OFF = 0 and ACTTEMPTH > 0.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPIC2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com