Electronic Components Datasheet Search
  English  ▼

X  

TPIC2010 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2010
Description  Serial I/F Controlled 9-Channel Motor-Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC2010 Datasheet HTML 9Page - Texas Instruments TPIC2010 Datasheet HTML 10Page - Texas Instruments TPIC2010 Datasheet HTML 11Page - Texas Instruments TPIC2010 Datasheet HTML 12Page - Texas Instruments TPIC2010 Datasheet HTML 13Page - Texas Instruments TPIC2010 Datasheet HTML 14Page - Texas Instruments TPIC2010 Datasheet HTML 15Page - Texas Instruments TPIC2010 Datasheet HTML 16Page - Texas Instruments TPIC2010 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Tsl
Hi-Z
R
Tsens
Fck
Tckl
Tds
Tdh
Tckh
Trdly
Tsendl
SIMO
SCLK
SOMI
SSZ
Tsenh
Trls
Hi -Z
Tsens
Tckh
Tds
Tdh
Tsl
Tsenh
SIMO
SCLK
SOMI
SSZ
Fck
Tckl
TPIC2010
www.ti.com
SLIS170 – DECEMBER 2015
7.20 Serial Port I/F Read Timing Requirements
MIN
NOM
MAX
UNIT
Fck
SCLK clock frequency
PIOV = 3.3 V
35
MHz
tckl
SCLK low time
11
ns
tckh
SCLK high time
11
ns
tsens
SSZ setup time
7
ns
tsenh
SSZ hold time
7
ns
tsl
SSZ disable high time
11
ns
tds
SIMO setup time (Write)
7
ns
tdh
SIMO hold time (Write)
7
ns
trdly
SOMI delay time (Read)
CLOAD = 10 pF, PIOV = 3.3 V
2
9
ns
tsendl
SOMI hold time (Read)
CLOAD = 10 pF, PIOV = 3.3 V
2
9
ns
CLOAD = 10 pF, PIOV = 3.3 V
trls
SOMI release time (Read)
0
9
ns
From SSZ rise to SOMI HIZ
Figure 1. Serial Port Write Timing
Figure 2. Serial Port Read Timings
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPIC2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com