Electronic Components Datasheet Search
  English  ▼

X  

GS6152 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS6152
Description  Multi-Rate 6G UHD-SDI
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6152 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS6152 Datasheet HTML 45Page - Semtech Corporation GS6152 Datasheet HTML 46Page - Semtech Corporation GS6152 Datasheet HTML 47Page - Semtech Corporation GS6152 Datasheet HTML 48Page - Semtech Corporation GS6152 Datasheet HTML 49Page - Semtech Corporation GS6152 Datasheet HTML 50Page - Semtech Corporation GS6152 Datasheet HTML 51Page - Semtech Corporation GS6152 Datasheet HTML 52Page - Semtech Corporation GS6152 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
GS6152
Final Data Sheet
Rev.2
PDS-060984
July 2015
49 of 80
Semtech
Proprietary & Confidential
www.semtech.com
3h
GPIO_CONTROL_
REG_1
RSVD
15:14
RW
0h
Reserved. Do not change.
GPIO3_IO_SELECT
13:13
RW
1h
GPIO3 Input/Output Select.
00b: Output
01b: Input
RSVD
12:11
RW
0h
Reserved. Do not change.
GPIO3_SELECT
10:7
RW
1h
GPIO3 Signal Selection
If GPIO3_IO_SELECT is set to 0:
0000b: LOS
0001b: LOCKED
0010b: LBR_HBR
0011b: Reserved
0100b: Reserved
0101b: RATE_DET0
0110b: RATE_DET1
0111b: RATE_DET2
1000b: LOCKED_125M
1001b: LOCKED_270M
1010b: LOCKED_1G485
1011b: LOCKED_2G97
1100b: LOCKED_5G94
1101b: RATE_CHANGE
If GPIO3_IO_SELECT is set to 1:
0000b: DDO0_DISABLE
0001b: DDO1_DISABLE (default)
GPIO2_IO_SELECT
6:6
RW
0h
GPIO2 Input/Output Select.
00b: Output
01b: Input
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com