Electronic Components Datasheet Search
  English  ▼

X  

GS6152 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS6152
Description  Multi-Rate 6G UHD-SDI
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6152 Datasheet(HTML) 1 Page - Semtech Corporation

  GS6152 Datasheet HTML 1Page - Semtech Corporation GS6152 Datasheet HTML 2Page - Semtech Corporation GS6152 Datasheet HTML 3Page - Semtech Corporation GS6152 Datasheet HTML 4Page - Semtech Corporation GS6152 Datasheet HTML 5Page - Semtech Corporation GS6152 Datasheet HTML 6Page - Semtech Corporation GS6152 Datasheet HTML 7Page - Semtech Corporation GS6152 Datasheet HTML 8Page - Semtech Corporation GS6152 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
1 of 80
Semtech
Proprietary & Confidential
GS6152
Final Data Sheet
Rev.2
PDS-060984
July 2015
GS6152
GS6152 Multi-Rate 6G UHD-SDI
Reclocker
www.semtech.com
Key Features
•
SMPTE ST 2081, ST 424, ST 292, and
ST 259-C compliant
•
Supports retiming data at rates of 125Mb/s, 270Mb/s,
1.485 and 1.485/1.001Gb/s, 2.97 and 2.97/1.001Gb/s,
5.94 and 5.94/1.001Gb/s
•
Supports retiming of DVB-ASI signals
•
Automatic or Manual Rate Selection
Detected rate indication in Auto Mode
•
4:1 input selector patented technology
•
Option of two reclocked data outputs
•
Four configurable GPIO pins with ability to output
device status, including:
Lock Detect
Loss of Signal (LOS)
Low/High bit-rate indication for slew-rate control of
SDI cable drivers
•
On-chip 100Ω differential input and output
termination
•
Bypass support for rates up to 5940Mb/s
Manual Bypass function
Configurable automatic Bypass when not locked
•
Option to use external reference or operate
referenceless
•
Cascading reference buffer supports multiple CDRs
using a single reference source
•
Input signal equalization and output signal
de-emphasis to compensate for trace dielectric losses
•
Single power supply operation at 1.8V
•
130mW typical power consumption (150mW with
second output enabled)
•
Pb-free and RoHS compliant
•
Operating temperature range: -40°C to 85°C
Applications
•
SMPTE ST 2081, SMPTE ST 424,
SMPTE ST 292, SMPTE ST 259-C coaxial cable serial
digital interfaces
•
EN50083-9 DVB-ASI interfaces
•
MADI standard
Description
The GS6152 is a low-power, multi-rate serial digital CDR
designed to automatically recover the embedded clock
from a digital video signal and re-time the incoming video
data.
The GS6152 will recover the embedded clock signal and
re-time the data from 6G UHD-SDI signals compliant with
SMPTE ST 2081. In addition, it can also re-time SMPTE ST
259-C, SMPTE ST 292, SMPTE ST 424 or DVB-ASI compliant
digital video signals as well as MADI audio streams.
The GS6152 features four high-speed differential signal
inputs feeding a 4:1 input selector. Input termination is
on-chip for seamless matching to 100Ω differential
transmission lines. The input selector is a component of a
video switching system with tightly constrained timing
requirements.
The GS6152 includes programmable trace equalization to
compensate for high-frequency losses associated with
board-level interconnect.
Two CML outputs interface seamlessly to devices with a
CML input reference between 1.2V and 2.5V.
Programmable output swing and de-emphasis provide
flexibility in managing signal integrity of the output signals.
The GS6152 can operate in either automatic rate detection
or manual rate selection mode. In auto mode the device
will automatically detect and lock onto incoming data
signals at any supported rate.


Similar Part No. - GS6152

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
Automatic or Manual Rate Selection
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

Similar Description - GS6152

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
Multi-Rate SDI Adaptive Cable Equalizer
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
Multi-Rate 6G UHD-SDI Equalizer
GS6151 SEMTECH-GS6151 Datasheet
2Mb / 77P
Multi-Rate 6G UHD-SDI
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
UHD-SDI Gearbox
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
Multi-Rate Adaptive 3G SDI Equalizer
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com