Electronic Components Datasheet Search
  English  ▼

X  

GS6152 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS6152
Description  Multi-Rate 6G UHD-SDI
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6152 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS6152 Datasheet HTML 24Page - Semtech Corporation GS6152 Datasheet HTML 25Page - Semtech Corporation GS6152 Datasheet HTML 26Page - Semtech Corporation GS6152 Datasheet HTML 27Page - Semtech Corporation GS6152 Datasheet HTML 28Page - Semtech Corporation GS6152 Datasheet HTML 29Page - Semtech Corporation GS6152 Datasheet HTML 30Page - Semtech Corporation GS6152 Datasheet HTML 31Page - Semtech Corporation GS6152 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
GS6152
Final Data Sheet
Rev.2
PDS-060984
July 2015
28 of 80
Semtech
Proprietary & Confidential
www.semtech.com
The signals that can be input on the GPIOs are listed in Table 4-6 below.
By default, the GPIO pins are configured to the following parameters:
GPIO0: LOS (output)
GPIO1: LOCKED (output)
GPIO2: LBR_HBR (output)
GPIO3: DDO1_DISABLE (input)
Table 4-5: GPIO Status Outputs
GPIO[0:3]_SELECT
Parameter
Description
0000
LOS
Loss of signal indication - High when there is no detected
signal on the selected DDI input
0001
LOCKED
Phase lock indication - High when the CDR has
phase-locked to a valid input signal
0010
LBR_HBR
Low bit-rate/High bit-rate - High when the part is locked to
the SD data rate; low for all other data rates and in bypass.
0101
RATE_DET0
Rate Detect - Three bits used in conjunction that represent
the data rate detected by the rate search state machine.
Refer to Table 4-3 for rate encoding details.
0110
RATE_DET1
0111
RATE_DET2
1000
LOCKED_125M
High when the rate search state machine is locked to a
MADI data rate (125Mb/s)
1001
LOCKED_270M
High when the rate search state machine is locked to an SD
data rate (270Mb/s)
1010
LOCKED_1G485
High when the rate search state machine is locked to an HD
data rate (1.485Gb/s)
1011
LOCKED_2G97
High when the rate search state machine is locked to a 3G
data rate (2.97Gb/s)
1100
LOCKED_5G94
High when the rate search state machine is locked to a 6G
data rate (5.94Gb/s)
1101
RATE_CHANGE
When a change in the data rate is detected by the rate
search state machine, the RATE_CHANGE signal is pulsed
high for a duration of 37ns
Table 4-6: GPIO Signal Inputs
GPIO[0:3]_SELECT
Parameter
Description
0000
DDO0_DISABLE
Disables serial data output 0 (DDO0, DDO0)
0001
DDO1_DISABLE
Disables serial data output 1 (DDO1, DDO1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com