Electronic Components Datasheet Search
  English  ▼

X  

SC186 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC186
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC186 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC186 Datasheet HTML 5Page - Semtech Corporation SC186 Datasheet HTML 6Page - Semtech Corporation SC186 Datasheet HTML 7Page - Semtech Corporation SC186 Datasheet HTML 8Page - Semtech Corporation SC186 Datasheet HTML 9Page - Semtech Corporation SC186 Datasheet HTML 10Page - Semtech Corporation SC186 Datasheet HTML 11Page - Semtech Corporation SC186 Datasheet HTML 12Page - Semtech Corporation SC186 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SC186
Output Voltage Ripple (V
OUT = 3.3V) @ No Load
Output Voltage Ripple (V
OUT = 3.3V) @ Full Load
Start Up (CTL
X) — No Load
Start Up (CTL
X) — Full Load
Typical Characteristics (continued)
Circuit Conditions: C
IN = 22µF/6.3V, COUT = 2 x 22µF/6.3V, CSS = 10nF. Unless otherwise noted, L = 1.0µH (TOKO: FDV0530S-1R0).
V
IN = 5V, = IOUT = 0; VOUT = 3.3V
Time (500ns�div)
s�div)
�div)
LX (2V/div)
V
OUT (50mV/div)
I
SW (1A/div)
V
IN (2V/div)
V
IN = 5V, = IOUT = 4A; VOUT = 3.3V
Time (500ns�div)
s�div)
�div)
V
OUT (1V/div)
V
CTLx (5V/div)
I
OUT (5V/div)
V
IN = 5V, = IOUT = 0; VOUT = 1.5V
PGOOD (5V/div)
Time (500ns�div)
s�div)
�div)
V
OUT (1V/div)
V
CTLx (5V/div)
I
OUT (5V/div)
V
IN = 5V, = IOUT = 4A; VOUT = 1.5V
PGOOD (5V/div)
Time (500ns�div)
s�div)
�div)
LX (2V/div)
V
OUT (20mV/div)
I
SW (1A/div)
V
IN (2V/div)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com