Electronic Components Datasheet Search
  English  ▼

X  

SC410AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC410AEVB
Description  2A EcoSpeed Step-Down Regulator with LDO and Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC410AEVB Datasheet HTML 1Page - Semtech Corporation SC410AEVB Datasheet HTML 2Page - Semtech Corporation SC410AEVB Datasheet HTML 3Page - Semtech Corporation SC410AEVB Datasheet HTML 4Page - Semtech Corporation SC410AEVB Datasheet HTML 5Page - Semtech Corporation SC410AEVB Datasheet HTML 6Page - Semtech Corporation SC410AEVB Datasheet HTML 7Page - Semtech Corporation SC410AEVB Datasheet HTML 8Page - Semtech Corporation SC410AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SC410A
5
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Internal Power MOSFETs
Current Limit
Inductor Valley Current Limit, VLDO=5V
1.5
2
A
LX Leakage Current
VIN=24V, LX=0V, High Side
1
10
µA
Switch Resistance
High Side
215
mΩ
Low Side
110
Non-overlap time (1)
15
ns
Linear Regulator (The LDO is shorted to the bias node, internally)
LDO Accuracy
-4
4
%V
LDO
LDO Current Limit
Short circuit protection, V
IN = 12V, VLDO <80% of
final V
LDO value
35
mA
Operating current limit, V
IN = 12V, VLDO > 80% of
final V
LDO value
100
LDO Drop Out Voltage
From V
IN to VLDO, ILDO = 100mA
0.75
V
Note:
(1) Typical value from EVB, not ATE tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com