Electronic Components Datasheet Search
  English  ▼

X  

SC410AEVB Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC410AEVB
Description  2A EcoSpeed Step-Down Regulator with LDO and Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410AEVB Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC410AEVB Datasheet HTML 5Page - Semtech Corporation SC410AEVB Datasheet HTML 6Page - Semtech Corporation SC410AEVB Datasheet HTML 7Page - Semtech Corporation SC410AEVB Datasheet HTML 8Page - Semtech Corporation SC410AEVB Datasheet HTML 9Page - Semtech Corporation SC410AEVB Datasheet HTML 10Page - Semtech Corporation SC410AEVB Datasheet HTML 11Page - Semtech Corporation SC410AEVB Datasheet HTML 12Page - Semtech Corporation SC410AEVB Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SC410A
9
Detailed Application Circuit
U1
S C 410A
BST
1
VIN
2
LX
3
PGND
4
EN 7
TON 8
AGND 9
LDO 10
FB 6
PGOOD
5
CBST
CTOP NP
RTON
RTOP
RL
NP
10nF
CC
COUT2(1)
COUT3(1)
COUT1(1)
2A max.
CL
VIN
CLDO2
0.1μF
L1
RBOT
CLDO1
+7 to +24VDC
CIN(1)
Note: (1) Ceramic capacitors
VLDO
10µF
0.1μF
1μF
VOUT
VIN
RPGOOD
REN
CC_1
R8
Position as close to IC as possible
0Ω
4.7µH
11.7kΩ
10nF
56.2kΩ
10kΩ
73.2kΩ
180pF
47µF
NP
NP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com