Electronic Components Datasheet Search
  English  ▼

X  

SC410AEVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC410AEVB
Description  2A EcoSpeed Step-Down Regulator with LDO and Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410AEVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC410AEVB Datasheet HTML 2Page - Semtech Corporation SC410AEVB Datasheet HTML 3Page - Semtech Corporation SC410AEVB Datasheet HTML 4Page - Semtech Corporation SC410AEVB Datasheet HTML 5Page - Semtech Corporation SC410AEVB Datasheet HTML 6Page - Semtech Corporation SC410AEVB Datasheet HTML 7Page - Semtech Corporation SC410AEVB Datasheet HTML 8Page - Semtech Corporation SC410AEVB Datasheet HTML 9Page - Semtech Corporation SC410AEVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SC410A
6
Typical Characteristics
Efficiency vs. Load
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
IOUT (ADC)
VIN = 9V
VIN = 14V
VIN = 24V
Power Loss vs. Load
VIN = 9V
VIN = 24V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.001
0.01
0.1
1
10
IOUT (ADC)
VIN = 14V
Load Regulation vs. Load
VIN = 9V
VIN = 24V
4.75
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
5.25
0.001
0.01
0.1
1
10
IOUT (ADC)
VIN = 14V
Frequency vs. Load
0
100000
200000
300000
400000
500000
600000
700000
0
0.5
1
1.5
2
IOUT (ADC)
Output Voltage ripple vs. Load
VIN = 24V
VIN = 14V
VIN = 9V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
0.5
1
1.5
2
IOUT (ADC)
V
OUT = 5V
V
OUT = 5V
V
OUT = 5V
V
OUT = 5V, VIN = 14V
V
OUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com