Electronic Components Datasheet Search
  English  ▼

X  

SC3102 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC3102
Description  2A Synchronous Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3102 Datasheet(HTML) 5 Page - Semtech Corporation

  SC3102 Datasheet HTML 1Page - Semtech Corporation SC3102 Datasheet HTML 2Page - Semtech Corporation SC3102 Datasheet HTML 3Page - Semtech Corporation SC3102 Datasheet HTML 4Page - Semtech Corporation SC3102 Datasheet HTML 5Page - Semtech Corporation SC3102 Datasheet HTML 6Page - Semtech Corporation SC3102 Datasheet HTML 7Page - Semtech Corporation SC3102 Datasheet HTML 8Page - Semtech Corporation SC3102 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SC3102
Pin Descriptions
Pin #
Pin Name
Pin Function
1,2
PVIN
Input supply voltage for the converter power stage.
3
AGND
Ground connection for the internal circuitry. AGND needs to be connected to PGND directly.
4AVIN
Power supply for the internal circuitry. AVIN is required to be connected to PVIN through an R-C filter of 1Ω
and 100nF.
5
MODE
MODE select pin. When connected to logic high, the device operates in forced PWM mode. When connected
to logic low, it operates in forced PSAVE mode at light load. The MODE pin has a 500kΩ internal pulldown re-
sistor. This resistor is switched in circuit whenever the MODE pin is “Low” or when the part is in undervoltage
lockout or disabled.
6EN
Enable pin. When connected to logic high or tied to the AVIN pin, the SC3102 is on. When connected to logic
low, the device enters shutdown and consumes less than 1μA current (typ.). The enable pin has a 500kΩ
internal pulldown resistor. This resistor is switched in circuit whenever the EN pin is “Low” or when the part is
in undervoltage lockout.
7
PGOOD
Power good indicator. When the output voltage reaches the PGOOD threshold, this pin will be open-drain
(after the PGOOD delay), otherwise it is pulled low internally.
8
NC
No connection.
9SS
Soft-Start. Connect a soft-start capacitor to program the soft-start time. There is a 5μA charging current flow-
ing out of the pin.
10
VOUT
Output voltage sense pin.
11,12,13
PGND
Ground connection for converter power stage.
14,15,16
LX
Switching node - connect an inductor between this pin and the output capacitor.
T
Thermal Pad
Thermal pad for heatsinking purposes. Connection to PGND is recommended. It is not connected internally.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com