Electronic Components Datasheet Search
  English  ▼

X  

SC3102 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC3102
Description  2A Synchronous Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3102 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC3102 Datasheet HTML 3Page - Semtech Corporation SC3102 Datasheet HTML 4Page - Semtech Corporation SC3102 Datasheet HTML 5Page - Semtech Corporation SC3102 Datasheet HTML 6Page - Semtech Corporation SC3102 Datasheet HTML 7Page - Semtech Corporation SC3102 Datasheet HTML 8Page - Semtech Corporation SC3102 Datasheet HTML 9Page - Semtech Corporation SC3102 Datasheet HTML 10Page - Semtech Corporation SC3102 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SC3102
Typical Characteristics
Efficiency and Power Loss: MODE = High
Load Regulation: MODE = High
Efficiency Comparison: MODE - High vs Low
Circuit Conditions: C
IN= 10μF/6.3V, COUT= 2 x 22μF/6.3V, CSS= 2.2nF, L= 1.5μH.
75
80
85
90
95
100
00.5
11.5
2
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
VIN = 5V
VIN = 3.6V
VIN = 5V
VIN = 2.9V
Load Regulation: MODE = Low
R
DS(ON) Variation vs. Input Voltage
R
DS(ON) Variation vs. Temperature
-10%
-5%
0%
5%
10%
15%
20%
25%
30%
35%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
ILX= ±100mA
TA= 25°C
N-Channel
P-Channel
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
Output Curre nt (A)
VIN = 5V, MH
VIN = 2.9V, MH
VIN = 3.6V, MH
VIN = 5V, ML
VIN = 2.9V, ML
VIN = 3.6V, ML
MH= Mode High
ML= Mode Low
1.485
1.49
1.495
1.5
1.505
1.51
1.515
00.5
11.5
2
Output Current (A)
VIN = 5V
VIN = 3.6V
VIN = 2.9V
1.47
1.475
1.48
1.485
1.49
1.495
1.5
1.505
1.51
1.515
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Output Current (A)
VIN = 5V
VIN = 3.6V
VIN = 2.9V
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com