Electronic Components Datasheet Search
  English  ▼

X  

SC3102 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC3102
Description  2A Synchronous Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3102 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC3102 Datasheet HTML 4Page - Semtech Corporation SC3102 Datasheet HTML 5Page - Semtech Corporation SC3102 Datasheet HTML 6Page - Semtech Corporation SC3102 Datasheet HTML 7Page - Semtech Corporation SC3102 Datasheet HTML 8Page - Semtech Corporation SC3102 Datasheet HTML 9Page - Semtech Corporation SC3102 Datasheet HTML 10Page - Semtech Corporation SC3102 Datasheet HTML 11Page - Semtech Corporation SC3102 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SC3102
Start Up: MODE = Low
Pre-bias Start Up: MODE = Low
Start Up: MODE = High
Start Up and Shutdown: MODE = High
Typical Waveforms
Circuit Conditions: C
IN= 10μF/6.3V, COUT= 2 x 22μF/6.3V, CSS= 2.2nF, L= 1.5μH.
(5V/div)
PGOOD
VOUT
EN
LX
(0.5V/div)
(1V/div)
(2V/div)
Time (500μs/div)
V
IN = 5V, VOUT = 1.5V, IOUT = 50mA
Time (500μs/div)
V
IN = 5V, VOUT = 1.5V, IOUT = 10mA
(5V/div)
(0.5V/div)
(1V/div)
(2V/div)
PGOOD
VOUT
EN
LX
Time (500μs/div)
PGOOD
VOUT
EN
LX
(5V/div)
(0.5V/div)
(1V/div)
(2V/div)
V
IN = 5V, VOUT = 1.5V, IOUT = 50mA
Time (500μs/div)
V
IN = 5V, VOUT = 1.5V, IOUT = 50mA
(5V/div)
(0.5V/div)
(1V/div)
(2V/div)
PGOOD
VOUT
EN
LX
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com