Electronic Components Datasheet Search
  English  ▼

X  

SC4910B Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4910B
Description  High Performance Secondary Side Controller with Synchronous Rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4910B Datasheet(HTML) 4 Page - Semtech Corporation

  SC4910B Datasheet HTML 1Page - Semtech Corporation SC4910B Datasheet HTML 2Page - Semtech Corporation SC4910B Datasheet HTML 3Page - Semtech Corporation SC4910B Datasheet HTML 4Page - Semtech Corporation SC4910B Datasheet HTML 5Page - Semtech Corporation SC4910B Datasheet HTML 6Page - Semtech Corporation SC4910B Datasheet HTML 7Page - Semtech Corporation SC4910B Datasheet HTML 8Page - Semtech Corporation SC4910B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC4910A/B
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
B
T
U
O
d
n
a
A
T
U
O
w
o
L
t
u
p
t
u
O
I
T
U
P
T
U
O
A
m
0
0
1
=1
3
.
1
V
h
g
i
H
t
u
p
t
u
O
I
T
U
P
T
U
O
A
m
0
0
1
=5
7
.
90
1
V
e
m
i
T
e
s
i
R
)
2
(
C
T
U
O
F
p
0
0
1
=0
2
S
n
e
m
i
T
ll
a
F
)
2
(
C
T
U
O
F
p
0
0
1
=0
2
S
n
y
a
l
e
D
g
n
i
s
i
R
A
T
U
O
o
t
g
n
il
l
a
F
B
T
U
O
)
2
(
R
Y
A
L
E
D
K
0
5
=
Ω
0
7
S
n
g
n
i
s
i
R
B
T
U
O
o
t
g
n
il
l
a
F
A
T
U
O
)
2
(
V
5
.
1
>
E
S
A
H
P0
2
2
S
n
V
5
.
1
<
E
S
A
H
P0
3
r
e
i
f
il
p
m
A
r
o
r
r
E
e
r
a
h
S
t
n
e
r
r
u
C
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
)
1
(
8
1
.
0
S
m
t
n
e
r
r
u
C
k
n
i
S
r
o
e
c
r
u
o
S
t
u
p
t
u
O
)
1
(
0
1
A
µ
Electrical Characteristics (Cont.)
Notes:
(1) Guaranteed by design.
(2) Guaranteed by characterization.
(3) This device is ESD sensitive. Use of standard ESD handling requirements are required.
Unless specified: T
A = T
J
= -40°C to 125°C , V
CC = 12V, R
T1
= R
T2
= 50K, R
DELAY
= 50K, C
SS
= 0.1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com