Electronic Components Datasheet Search
  English  ▼

X  

SC4910B Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4910B
Description  High Performance Secondary Side Controller with Synchronous Rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4910B Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4910B Datasheet HTML 7Page - Semtech Corporation SC4910B Datasheet HTML 8Page - Semtech Corporation SC4910B Datasheet HTML 9Page - Semtech Corporation SC4910B Datasheet HTML 10Page - Semtech Corporation SC4910B Datasheet HTML 11Page - Semtech Corporation SC4910B Datasheet HTML 12Page - Semtech Corporation SC4910B Datasheet HTML 13Page - Semtech Corporation SC4910B Datasheet HTML 14Page - Semtech Corporation SC4910B Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC4910A/B
POWER MANAGEMENT
Type 2 compensator (Figure 3) is needed for the above
current mode control. The compensation network gives
the following characteristics:
p
z
1
COMP
s
1
s
1
s
G
ω
+
ω
+
ω
=
Figure 3
where
3
1
3
1
2
PC
1
2
ZC
3
1
1
1
C
C
C
C
R
1
C
R
1
)
C
C
(
R
1
+
=
ω
=
ω
+
=
ω
The loop gain will be given by:
O
ref
PC
ZC
1
p
z
vgo
FB
COMP
vg
V
V
s
1
s
1
s
s
1
s
1
G
K
G
G
T
•
ω
+
ω
+
ω
•
ω
+
ω
+
=
=
Figure 4
Applications Information (Cont.)
The goal of the compensation design is to shape the loop
with high DC gain, high bandwidth, enough phase margin,
and high attenuation for high frequency noises. Figure 4
gives the asymptotic diagrams of the power stage with
current loop closed and its loop gain.
One integrator is added to increase the DC gain. W
zc is
used to cancel the power stage pole w
p so that the loop
gain has –20dB rate when it reaches 0 dB line. w
pc is
placed at output capacitor ESR or half switching frequency,
whichever is lower.
Arbitrarily choose R2, then
)
C
C
(
1
R
,
1
C
C
,
R
C
3
1
I
1
ZC
PC
1
3
P
2
1
1
+
ω
=
−
ω
ω
=
ω
=
ω
I is adjusted for satisfactory phase margin and
crossover frequency.
Synchronization
Synchronization of oscillators in multiphase operation
allows for reduced size of filtering components and
improved dynamic response.
SC4910 provides single stage conversion where SC4201
provides the multiphase function. SC4910 and SC4201
are placed on the secondary side, outputs A and C of the
SC4201 are fed into the Sync pins of 2 separate
SC4910’s. Both power supplies operate 180 degrees
apart. SC4201 can be configured up to 4 phase
operation.
R2
C3
C1
R1
Vref
ω
C
ω
pc
ω
Z
ω
P
Loop gain T(s)
Power stage
Compensator
ω
zc
fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com