Electronic Components Datasheet Search
  English  ▼

X  

SC4910B Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4910B
Description  High Performance Secondary Side Controller with Synchronous Rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4910B Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4910B Datasheet HTML 8Page - Semtech Corporation SC4910B Datasheet HTML 9Page - Semtech Corporation SC4910B Datasheet HTML 10Page - Semtech Corporation SC4910B Datasheet HTML 11Page - Semtech Corporation SC4910B Datasheet HTML 12Page - Semtech Corporation SC4910B Datasheet HTML 13Page - Semtech Corporation SC4910B Datasheet HTML 14Page - Semtech Corporation SC4910B Datasheet HTML 15Page - Semtech Corporation SC4910B Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
 2005 Semtech Corp.
www.semtech.com
SC4910A/B
POWER MANAGEMENT
Load Remote Sensing
Dedicated -SENSE pin provides true remote sensing of
the regulated supply’s output terminal voltage for high
current applications. As shown in Figure 5, the bandgap
reference “ground “ is brought out as –Sense, which is
connected to the “load ground” and to the local analog
ground by the resistor R10. With this way combined with
upper side R1, the voltage drop on power line is offset
and the load voltage is truly sensed.
R7
R8
LOAD
R10
C5
SC4910
18
17
11
16
6
4
10
20
19
3
1
15
2
5
FB
COMP
OUTB
ISHARE
PHASE
CS
OUTA
RT1
RT2
SS
-SENSE
DELAY
SY NC/EN
VREF
C6
R1
R6
Figure 5
Load Current Sharing
A single wire connected between the ISHARE pins will
force current sharing between parallel units for paralleling
or n+1 redundant operation.
The ISHARE pin allows for current sharing between several
parallel units. The ISHARE pin connects internally to the
non-inverting input of ISHARE amplifier. An internal 4K
Ω
resistor is between the inverting and non-inverting inputs
of this amplifier, with the inverting input also connected
to the COMP pin. The output of the amplifier connects
to the SS (0.75V ref) pin. During normal operation, when
all devices are sharing the load current equally, the COMP
pin voltages on each units should be approximately equal.
If one of the devices begins to take on too much or too
little of the load, the difference in COMP pin voltage will
cause the ISHARE amplifier to adjust the SS (0.75V ref)
voltage accordingly. In the event of ISHARE pulled down
below 1V, the ISHARE amplifier is disabled to prevent
output voltage of the unit lower than specification.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com