Electronic Components Datasheet Search
  English  ▼

X  

TC11IB Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TC11IB
Description  32-Bit Single-Chip Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC11IB Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TC11IB Datasheet HTML 45Page - Infineon Technologies AG TC11IB Datasheet HTML 46Page - Infineon Technologies AG TC11IB Datasheet HTML 47Page - Infineon Technologies AG TC11IB Datasheet HTML 48Page - Infineon Technologies AG TC11IB Datasheet HTML 49Page - Infineon Technologies AG TC11IB Datasheet HTML 50Page - Infineon Technologies AG TC11IB Datasheet HTML 51Page - Infineon Technologies AG TC11IB Datasheet HTML 52Page - Infineon Technologies AG TC11IB Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
TC11IB
Data Sheet
45
V2.3, 2003-11
Note: Accesses to address defined as “Reserved” in Table 3 lead to a bus error.The
exceptions are marked with 1)
Memory Protection System
The TC11IB memory protection system specifies the addressable range and read/write
permissions of memory segments available to the currently executing task. The memory
protection system controls the position and range of addressable segments in memory.
It also controls the kinds of read and write operations allowed within addressable
memory segments. Any illegal memory access is detected by the memory protection
hardware, which then invokes the appropriate Trap Service Routine (TSR) to handle the
error. Thus, the memory protection system protects critical system functions against both
software and hardware errors. The memory protection hardware can also generate
signals to the Debug Unit to facilitate tracing illegal memory accesses.
In SAF-T11IB-64D96, TriCore supports two address spaces: The virtual address space
and The physical address space. Both address space are 4GB in size and divided into
16 segments with each segment being 256MB. The upper 4 bits of the 32-bit address are
used to identify the segment. Virtual segments are numbered 0 - 15. But a virtual address
is always translated into a physical address before accessing memory. The virtual
address is translated into a physical address using one of two translation mechanisms:
(a) direct translation, and (b) Page Table Entry (PTE) based translation. If the virtual
address belongs to the upper half of the virtual address space then the virtual address is
directly used as the physical address (direct translation). If the virtual address belongs to
the lower half of the address space, then the virtual address is used directly as the
physical address if the processor is operating in Physical mode (direct translation) or
translated using a Page Table Entry if the processor is operating in Virtual mode (PTE
translation). These are managed by Memory Management Unit (MMU)
Memory protection is enforced using separate mechanisms for the two translation paths.
Protection for direct translation
Memory protection for addresses that undergo direct translation is enforced using the
range based protection that has been used in the previous generation of the TriCore
architecture. The range based protection mechanism provides support for protecting
memory ranges from unauthorized read, write, or instruction fetch accesses. The
TriCore architecture provides up to four protection register sets with the PSW.PRS field
controlling the selection of the protection register set. Because the TC11IB uses a
Harvard-style memory architecture, each Memory Protection Register Set is broken
down into a Data Protection Register Set and a Code Protection Register Set. Each Data
Protection Register Set can specify up to four address ranges to receive particular
protection modes. Each Code Protection Register Set can specify up to two address
ranges to receive particular protection modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com