| Electronic Components Datasheet Search |
|
TC11IB Datasheet(PDF) 30 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC11IB Datasheet(HTML) 30 Page - Infineon Technologies AG |
|
30 / 108 page ![]() TC11IB Data Sheet 26 V2.3, 2003-11 Serial Interfaces The TC11IB includes three serial peripheral interface units: – Asynchronous/Synchronous Serial Interface (ASC) – High-Speed Synchronous Serial Interface (SSC) – Asynchronous Serial Interface (16X50) Asynchronous/Synchronous Serial Interface Figure 5 shows a global view of the functional blocks of the Asynchronous/Synchronous Serial interface ASC. Figure 5 General Block Diagram of the ASC Interfaces ASC Module communicates with the external world via one pair of I/O lines. The RXD line is the receive data input signal (in Synchronous Mode also output). TXD is the transmit output signal. Clock control, address decoding, and interrupt service request control are managed outside the ASC Module kernel. The Asynchronous/Synchronous Serial Interface provides serial communication between the TC11IB and other microcontrollers, microprocessors or external peripherals. The ASC supports full-duplex asynchronous communication and half-duplex synchronous communication. In Synchronous Mode, data is transmitted or received synchronous to a shift clock which is generated by the ASC internally. In Asynchronous Mode, 8-bit or 9-bit data transfer, parity generation, and the number of stop bits can be selected. Parity, framing, and overrun error detection are provided to increase the reliability of data transfers. Transmission and reception of data are double-buffered. For multiprocessor communication, a mechanism is included to distinguish address bytes from data bytes. Testing is supported by a loop-back option. A 13-bit baud rate generator M C B 0 49 38 Clo c k Co n tro l A d dres s De c o d e r In te rru p t Co n tro l f ASC AS C Mo d u le Po rt C ontro l P 1 .6 / ASC _ R x D Rx D Tx D P 1 .7 / A S C _ T x D |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |