Electronic Components Datasheet Search
  English  ▼

X  

LTC6754 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6754
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6754 Datasheet(HTML) 2 Page - Linear Technology

  LTC6754 Datasheet HTML 1Page - Linear Technology LTC6754 Datasheet HTML 2Page - Linear Technology LTC6754 Datasheet HTML 3Page - Linear Technology LTC6754 Datasheet HTML 4Page - Linear Technology LTC6754 Datasheet HTML 5Page - Linear Technology LTC6754 Datasheet HTML 6Page - Linear Technology LTC6754 Datasheet HTML 7Page - Linear Technology LTC6754 Datasheet HTML 8Page - Linear Technology LTC6754 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC6754
2
6754f
For more information www.linear.com/LTC6754
absoluTe MaxiMuM raTings
Total Input Supply Voltage (VEE to VCCI)..................5.5V
Total Output Supply Voltage (VEE to VCCO)...............5.5V
Input Voltage
–IN, +IN, LE/HYST, SHDN.......VEE – 0.3V, VCCI + 0.3V
Input Current
–IN, +IN, LE/HYST, SHDN (Note 2) .................. ±10mA
Output Current(Q, Q)........................................... ±20mA
(Note 1)
Q 1
VEE 2
+IN 3
6 Q
5 VCCI/VCCO
4 –IN
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
TJMAX = 150°C, θJA = 256°C/W (NOTE 3)
12 11 10
4
5
6
TOP VIEW
13
VEE
UD PACKAGE
12-LEAD (3mm
× 3mm) PLASTIC QFN
7
8
9
3
2
1
VCCO
VCCI
VEE
VEE
LE/HYST
SHDN
TJMAX = 150°C, θJA = 68°C/W (NOTE 3)
EXPOSED PAD (PIN 13) IS VEE, MUST BE SOLDERED TO PCB
orDer inForMaTion
pin conFiguraTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LTC6754ISC6#TRMPBF
LTC6754ISC6#TRPBF
LGVH
6-Lead Plastic SC-70
–40°C to 85°C
LTC6754HSC6#TRMPBF
LTC6754HSC6#TRPBF
LGVH
6-Lead Plastic SC-70
–40°C to 125°C
LTC6754IUD#PBF
LTC6754IUD#TRPBF
LGVJ
12-Lead Plastic QFN
–40°C to 85°C
LTC6754HUD#PBF
LTC6754HUD#TRPBF
LGVJ
12-Lead Plastic QFN
–40°C to 125°C
TRM = 500 pieces. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range (Note 3).. –40°C to 125°C
Specified Temperature Range (Note 4)
LTC6754I .............................................–40°C to 85°C
LTC6754H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
Maximum Junction Temperature (Note 4) ............ 150°C
Lead Temperature Soldering
(10 sec) (SC70 Only).........................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com