Electronic Components Datasheet Search
  English  ▼

X  

LTC6754 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6754
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6754 Datasheet(HTML) 3 Page - Linear Technology

  LTC6754 Datasheet HTML 1Page - Linear Technology LTC6754 Datasheet HTML 2Page - Linear Technology LTC6754 Datasheet HTML 3Page - Linear Technology LTC6754 Datasheet HTML 4Page - Linear Technology LTC6754 Datasheet HTML 5Page - Linear Technology LTC6754 Datasheet HTML 6Page - Linear Technology LTC6754 Datasheet HTML 7Page - Linear Technology LTC6754 Datasheet HTML 8Page - Linear Technology LTC6754 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC6754
3
6754f
For more information www.linear.com/LTC6754
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCCI–VEE
Input Supply Voltage (Note 5)
l
2.4
5.25
V
VCCO–VEE
Output Supply Voltage (Note 5)
l
2.4
5.25
V
VCMR
Input Voltage Range (Note 7)
l
VEE – 0.2
VCCI + 0.1
VOS
Input Offset Voltage (Note 6)
l
–4
–8.5
±0.75
4
8.5
mV
mV
TCVOS
Input Offset Voltage Drift
l
18
µV/ºC
VHYST
Input Hysteresis Voltage (Note 5)
LE/HYST pin floating
4.5
mV
CIN
Input Capacitance
1.1
pF
RDM
Differential Mode Resistance
55
kΩ
RCM
Common Mode Resistance
6.5
MΩ
IB
Input Bias Current
VCM = VEE + 0.3V
l
–3.8
–4
–1.8
μA
µA
VCM = VCCI – 0.3V
l
0.6
1.5
2.5
µA
µA
IOS
Input Offset Current
l
–0.7
0.7
μA
CMRR_LVCM Common Mode Rejection Ratio, Low VCM
Region
VCM = VEE – 0.2V to VCCI – 1.5V
l
58
53
77
dB
dB
CMRR_FR
Common Mode Rejection Ratio (Measured at
Extreme Ends of VCMR)
VCM = VEE – 0.2V to VCCI+0.1V
l
60
50
76.5
dB
dB
PSRR
Power Supply Rejection Ratio
VCCI = VCCO Varied from 2.45V to 5.25V
l
62
59.5
80
dB
dB
AVOL
Open Loop Gain
Hysteresis Removed (Note 10)
53
dB
VOD
Differential Output Voltage
l
260
362
420
mV
ΔVOD
Difference in VOD Between Complementary
Output States
l
–15
±5
15
mV
VOCM
Output Common Mode Voltage
l
1.18
1.26
1.31
V
ΔVOCM
Difference in VOD Between Complementary
Output States
l
–10
±1.8
10
mV
ISC_VEE
Short Circuit Current, through Either Output, both
Outputs Connected to VEE
l
20
mA
ISC_OUT_SHORT Output Current, Complementary Outputs Shorted
l
5
mA
IVCCI
Input Stage Supply Current, Device On
Comparator On, Input Section Supply
Current
l
2.4
2.9
3
mA
mA
IVCCO
Output Stage Supply Current, Device On
Comparator On, Output Section Supply
Current
l
11
11.8
12.5
mA
mA
IVCC
Total Supply Current, Device On
Comparator On, Single Supply Pin Version,
l
13.4
14.7
15.5
mA
mA
tR, tF
Rise/Fall Time
20% to 80%
0.77
ns
tPD
Propagation Delay (Note 8)
VOVERDRIVE = 50mV
l
1.8
2.8
2.9
ns
ns
tSKEW_RISEFALL Propagation Delay Skew, Rising to Falling Transition
40
ps
tSKEW_COMP
Propagation Delay Skew, Q to Q
50
ps
tOD_DISP
Overdrive Dispersion
Overdrive Varied from 10mV to 125mV
1
ns
tCM_DISP
Common Mode dispersion
VCM Varied from VEE – 0.2V to VCCI + 0.1V
200
ps
TR
Toggle Rate
VIN = 200mVP–P Sine Wave, 50% Output Swing
890
Mbps
The l denotes the specifications which apply over
the specified temperature range, otherwise specifications are at TA = 25°C, LE/HYST, SHDN pins floating, VOVERDRIVE = 50mV,
–IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size, RL=100Ω , unless otherwise noted.
elecTrical characTerisTics (VCCI = VCCO = 5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com