Electronic Components Datasheet Search
  English  ▼

X  

LTC6754 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6754
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6754 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6754 Datasheet HTML 2Page - Linear Technology LTC6754 Datasheet HTML 3Page - Linear Technology LTC6754 Datasheet HTML 4Page - Linear Technology LTC6754 Datasheet HTML 5Page - Linear Technology LTC6754 Datasheet HTML 6Page - Linear Technology LTC6754 Datasheet HTML 7Page - Linear Technology LTC6754 Datasheet HTML 8Page - Linear Technology LTC6754 Datasheet HTML 9Page - Linear Technology LTC6754 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC6754
6
6754f
For more information www.linear.com/LTC6754
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tJIT_RMS
RMS Jitter, Sine Wave Input
VIN=200mVP–P
fIN=245.76MHz, Jitter BW=10Hz–122.88MHz
fIN=245.76MHz, Jitter BW=12kHz–20MHz
fIN=100MHz, Jitter BW=10Hz–50MHz
fIN=100MHz, Jitter BW=12kHz–20MHz
fIN=61.44MHz, Jitter BW=10Hz–30.72MHz
fIN=61.44MHz, Jitter BW=12kHz–20MHz
fIN=10MHz, Jitter BW=10Hz–5MHz
1.6
0.73
2.2
1.36
3
2.4
19
ps
ps
ps
ps
ps
ps
ps
Latching/Adjustable Hysteresis Characteristics
VLE/HYST
LE/HYST Pin Voltage
Open Circuit
l
1.05
1.25
1.45
V
RHYST
Resistor Value at LE/HYST
LE/HYST Pin Voltage < Open Circuit Value
l
11.6
14.5
17.6
kΩ
VHYST_LARGE Hysteresis Voltage
VLE/HYST = 800mV
43
mV
VIL_LE
Latch Pin Voltage, Latch Guaranteed
l
0.4
V
VIH_LE
Latch Pin Voltage, Hysteresis Disabled
l
1.7
V
IIH_LE
Latch Pin Current High
VLE/HYST = 1.7V
l
31
70
µA
IIL_LE
Latch Pin Current Low
VLE/HYST = 0.4V
l
–78
–58
µA
tSETUP
Latch Setup Time
2
ns
tHOLD
Latch Hold Time
–2
ns
tPL
Latch to Output Delay
3
ns
Shutdown Characteristics
ISD_VCCI
Shutdown Mode Input Stage Supply Current
VSHDN = 0.8V
l
650
880
970
μA
µA
ISD_VCCO
Shutdown Mode Output Stage Supply Current
VSHDN = 0.8V
l
240
370
380
μA
µA
ISD_TOT
Shutdown Mode Total Supply Current
VSHDN = 0.8V
l
0.89
1.25
1.35
mA
mA
tSD
Shutdown Time
Output Hi-Z
110
ns
VIH_SD
Shutdown Pin Voltage High
Part Guaranteed to be Powered On
l
2
V
VIL_SD
Shutdown Pin Voltage Low
Part Guaranteed to be Powered Off
0.8
V
tWAKEUP
Wake-Up Time from Shutdown
VOVERDRIVE = 100mV, Output Valid
120
ns
The l denotes the specifications which apply
over the specified temperature range, otherwise specifications are at TA = 25°C, LE/HYST, SHDN pins floating, VOVERDRIVE = 50mV,
–IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size, RL=100Ω , unless otherwise noted.
elecTrical characTerisTics (VCCI = VCCO = 2.5V)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Reverse biased ESD protection exists on all input, shutdown,
latching/hysteresis and output pins. If the voltage on the input, shutdown,
or latching/hysteresis pins goes beyond either input supply, the current
should be limited to less than 10mA. This parameter is guaranteed to meet
specification through design and/or characterization. It is not production
tested.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating. This parameter is guaranteed to meet
specified performance through design and/or characterization. It is not
production tested.
Note 4: The LTC6754I is functional and guaranteed to meet specified
performance from –40 °C to 85 °C. The LTC6754H is functional and
guaranteed to meet specified performance from –40 °C to 125 °C.
Note 5: Supply voltage range is guaranteed by the PSRR test.
Note 6: Both hysteresis and offset are measured by determining positive
and negative trip points (input values needed to change the output in the
opposite direction). Hysteresis is defined as the difference of the two trip
points and offset as the average of the two trip points.
Note 7: Guaranteed by CMRR spec.
Note 8: Propagation delays are measured with a step size of 150mV.
Note 9: Latch setup time is defined as the minimum time before the
LE/HYST pin is asserted low for an input signal change to be acquired and
held at the output. Latch hold time is defined as the minimum time before
an input signal change for a high to low transition on the LE/HYST pin to
prevent the output from changing. Latch enable pulse width is defined as
the minimum time for the LE/HYST pin to be held high for an input change
to affect the output. See Figure 7 for a graphical definition of these terms.
Note 10: The devices have effectively infinite gain when hysteresis is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com