Electronic Components Datasheet Search
  English  ▼

X  

LMP8271 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMP8271
Description  Bidirectional Precision Voltage Difference Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8271 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8271 Datasheet HTML 4Page - Texas Instruments LMP8271 Datasheet HTML 5Page - Texas Instruments LMP8271 Datasheet HTML 6Page - Texas Instruments LMP8271 Datasheet HTML 7Page - Texas Instruments LMP8271 Datasheet HTML 8Page - Texas Instruments LMP8271 Datasheet HTML 9Page - Texas Instruments LMP8271 Datasheet HTML 10Page - Texas Instruments LMP8271 Datasheet HTML 11Page - Texas Instruments LMP8271 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
= VOS (LMP8271)
10 (X)
(10VOS1) x (X) + (VOS2)
= VOS (LMP8271)
10
(10VOS1) + (VOS2)
VS = 4.75V to 5.5V
OUT
LMP8271
+
-
A1
GND
+IN
-IN
A2
GAIN = 2
A1
A2
100 k:
GAIN = 10
OFFSET
PROPRIETARY
LEVEL-SHIFT
CIRCUITRY
OBSOLETE
LMP8271
SNOSAP6H – JUNE 2005 – REVISED APRIL 2013
www.ti.com
APPLICATION NOTE
LMP8271
The LMP8271 is a single supply amplifier with a fixed gain of 20 and a common mode voltage range of
−2V to
16V. The fixed gain is achieved in two separate stages, a preamplifier with gain of +10 and a second stage
amplifier with gain of +2. A block diagram of the LMP8271 is shown in Figure 21.
Figure 21. LMP8271
The overall offset of the LMP8271 is minimized by trimming amplifier A1. This is done so that the output referred
offset of A1 cancels the input referred offset of A2 or 10VOS1 = −VOS2.
Because of this offset voltage relationship, the offset of each individual amplifier stage may be more than the limit
specified for the overall system in the datasheet tables. Care must be given when pin 3 and 4, A1 and A2, are
connected to each other. If the signal going from A1 to A2 is amplified or attenuated (by use of amplifiers and
resistors), the overall LMP8271 offset will be affected as a result. Filtering the signal between A1 and A2 or
simply connecting the two pins will not change the offset of the LMP8271.
Referencing the input referred offset voltages of each stage, the following relationship holds:
(1)
If the signal on pin 3 is scaled, attenuated or amplified, by a factor X then the offset of the overall system will
become:
(2)
POWER SUPPLY DECOUPLING
In order to decouple the LMP8271 from AC noise on the power supply, it is recommended to use a 0.1
μF on the
supply pin. It is best to use a 0.1
μF capacitor in parallel with a 10 μF capacitor. This will generate an AC path to
ground for most frequency ranges and will greatly reduce the noise introduced by the power supply.
LIFETIME DRIFT
Input Offset Voltage is an electrical parameter which may drift over time. This drift, known as lifetime drift, is very
common in operational amplifiers; however, its effect is more evident in precision amplifiers. This is due to the
very low Input Offset Voltage specifications in these amplifiers.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMP8271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com