Electronic Components Datasheet Search
  English  ▼

X  

LMP8271 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP8271
Description  Bidirectional Precision Voltage Difference Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8271 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8271 Datasheet HTML 9Page - Texas Instruments LMP8271 Datasheet HTML 10Page - Texas Instruments LMP8271 Datasheet HTML 11Page - Texas Instruments LMP8271 Datasheet HTML 12Page - Texas Instruments LMP8271 Datasheet HTML 13Page - Texas Instruments LMP8271 Datasheet HTML 14Page - Texas Instruments LMP8271 Datasheet HTML 15Page - Texas Instruments LMP8271 Datasheet HTML 16Page - Texas Instruments LMP8271 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VDC
Vs = 4.75V to 5.5V
OUT
LMP8271
+
-
A1
GND
+IN
-IN
A2
GAIN = 2
A1
A2
100 k:
GAIN = 10
C1
RS1
VDC
VDC - IRS1
I
PROPRIETARY
LEVEL-SHIFT
CIRCUITRY
OFFSET
VS = 4.75V to 5.5V
OUT
LMP8271
+
-
A1
GND
+IN
- IN
PROPRIETARY
LEVEL-SHIFT
CIRCUITRY
A2
GAIN = 2
A1
A2
100 k:
GAIN = 10
10:
4 mA to 20 mA
CURRENT LOOP
C1
VOUT = 0.8V TO 4.0V
OFFSET
OBSOLETE
LMP8271
www.ti.com
SNOSAP6H – JUNE 2005 – REVISED APRIL 2013
CURRENT LOOP RECEIVER
Many types of process control instrumentation use 4 to 20 mA transmitters to transmit the sensor’s analog value
to a central control room. The LMP8271 can be used as a current loop receiver as shown in Figure 29.
Figure 29. Current Loop Receiver
HIGH SIDE CURRENT SENSING
High side current measurement requires a differential amplifier with gain. Here the DC voltage source represents
a common mode voltage with the +IN input at the supply voltage and the
−IN input very close to the supply
voltage. The LMP8271 can be used with a common mode voltage, VDC in this case, of up to 16V.
The LMP8271 can be used for high side current sensing. The large common mode voltage range of this device
allows it to sense signals outside of its supply voltage range. Also, the LMP8271 has very high CMRR, which
enables it to sense very small signals in the presence of larger common mode signals. The system in Figure 30
couples these two characteristics of the LMP8271 in an automotive application. The signal through RS1 is
detected and amplified by the LMP8271 in the presence of a common mode signal of up to 16V with the highest
accuracy.
Figure 30. High Side Current Sensing
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP8271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com