Electronic Components Datasheet Search
  English  ▼

X  

LMV921 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV921
Description  Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV921 Datasheet(HTML) 1 Page - Texas Instruments

  LMV921 Datasheet HTML 1Page - Texas Instruments LMV921 Datasheet HTML 2Page - Texas Instruments LMV921 Datasheet HTML 3Page - Texas Instruments LMV921 Datasheet HTML 4Page - Texas Instruments LMV921 Datasheet HTML 5Page - Texas Instruments LMV921 Datasheet HTML 6Page - Texas Instruments LMV921 Datasheet HTML 7Page - Texas Instruments LMV921 Datasheet HTML 8Page - Texas Instruments LMV921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OBSOLETE
LMV921, LMV922, LMV924
www.ti.com
SNOS436H – AUGUST 2000 – REVISED APRIL 2013
LMV921/LMV922/LMV924 Single, Dual and Quad 1.8V, 1MHz, Low Power Operational
Amplifiers with Rail-To-Rail Input and Output
Check for Samples: LMV921, LMV922, LMV924
1
FEATURES
DESCRIPTION
The LMV921 Single/LMV922 Dual/LMV924 Quad are
2
(Typical 1.8V Supply Values; Unless Otherwise
ensured to operate from +1.8V to +5.0V supply
Noted)
voltages and have rail-to-rail input and output. This
Ensured 1.8V, 2.7V and 5V Specifications
rail-to-rail operation enables the user to make full use
Rail-to-Rail Input & Output Swing
of the entire supply voltage range. The input common
mode voltage range extends 300mV beyond the
w/600
Ω Load 100 mV from Rail
supplies
and
the
output
can
swing
rail-to-rail
w/2k
Ω Load 30 mV from Rail
unloaded and within 100mV from the rail with 600
VCM 300mV Beyond Rails
load at 1.8V supply. The LMV921/LMV922/LMV924
are optimized to work at 1.8V which make them ideal
Supply Current 145µA/amplifier
for portable two-cell battery-powered systems and
Gain Bandwidth Product 1MHz
single cell Li-Ion systems.
LMV921 Maximum VOS 6mV
The
LMV921/LMV922/LMV924
exhibit
excellent
90dB Gain w/600
Ω Load
speed-power ratio, achieving 1MHz gain bandwidth
LMV921 Available in Ultra Tiny, SC70-5
product at 1.8V supply voltage with very low supply
Package
current. The LMV921/LMV922/LMV924 are capable
of driving 600
Ω load and up to 1000pF capacitive
LMV922 Available in VSSOP-8 Package
load
with
minimal
ringing.
The
LMV924 Available in TSSOP-14 Package
LMV921/LMV922/LMV924's high DC gain of 100dB
makes them suitable for low frequency applications.
APPLICATIONS
The LMV921 (Single) is offered in a space saving
Cordless/Cellular Phones
SC70–5 and SOT-23–5 packages. The SC70–5
package
is
only
2.0X2.1X1.0mm.
These
small
Laptops
packages are ideal solutions for area constrained PC
PDAs
boards and portable electronics such as cellphones
PCMCIA
and PDAs.
Portable/Battery-Powered Electronic
Equipment
Supply Current Monitoring
Battery Monitoring
spacer
Supply Current vs.
Output Voltage Swing vs.
Gain and Phase Margin
Supply Voltage (LMV921)
Supply Voltage
vs. Frequency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV921 NSC-LMV921 Datasheet
736Kb / 27P
1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
LMV921 NSC-LMV921 Datasheet
1Mb / 42P
1.8V RR I/O Op Amp
LMV921M5 NSC-LMV921M5 Datasheet
736Kb / 27P
1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
LMV921M5 NSC-LMV921M5 Datasheet
1Mb / 42P
1.8V RR I/O Op Amp
LMV921M5X NSC-LMV921M5X Datasheet
736Kb / 27P
1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
More results

Similar Description - LMV921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV921 NSC-LMV921 Datasheet
736Kb / 27P
1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
August 17, 2010
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 9, 2010
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
October 21, 2011
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Diodes Incorporated
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 3
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 4
logo
TECH PUBLIC Electronics...
TPNCS20082DMR2G TECHPUBLIC-TPNCS20082DMR2G Datasheet
3Mb / 13P
1MHz,Low Power,1.8V,CMOS, Rail toRail Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com