Electronic Components Datasheet Search
  English  ▼

X  

LMV921 Datasheet(PDF) 17 Page - Texas Instruments

Part # LMV921
Description  Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV921 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMV921 Datasheet HTML 13Page - Texas Instruments LMV921 Datasheet HTML 14Page - Texas Instruments LMV921 Datasheet HTML 15Page - Texas Instruments LMV921 Datasheet HTML 16Page - Texas Instruments LMV921 Datasheet HTML 17Page - Texas Instruments LMV921 Datasheet HTML 18Page - Texas Instruments LMV921 Datasheet HTML 19Page - Texas Instruments LMV921 Datasheet HTML 20Page - Texas Instruments LMV921 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
OBSOLETE
LMV921, LMV922, LMV924
www.ti.com
SNOS436H – AUGUST 2000 – REVISED APRIL 2013
APPLICATION NOTE
Unity Gain Pulse Response Considerations
The unity-gain follower is the most sensitive configuration to capacitive loading. The LMV921/LMV922/LMV924
family can directly drive 1nF in a unity-gain with minimal ringing. Direct capacitive loading reduces the phase
margin of the amplifier. The combination of the amplifier's output impedance and the capacitive load induces
phase lag. This results in either an underdamped pulse response or oscillation. The pulse response can be
improved by adding a pull up resistor as shown in Figure 52
Figure 52. Using a Pull-Up Resistor at the Output for Stabilizing Capacitive Loads
Higher capacitances can be driven by decreasing the value of the pull-up resistor, but its value shouldn't be
reduced beyond the sinking capability of the part. An alternate approach is to use an isolation resistor as
illustrated in Figure 53.
Figure 53. Using an Isolation Resistor to Drive Heavy Capacitive Loads
Input Bias Current Consideration
The LMV921/LMV922/LMV924 family has a bipolar input stage. The typical input bias current (IB) is 12nA. The
input bias current can develop a significant offset voltage. This offset is primarily due to IB flowing through the
negative feedback resistor, RF. For example, if IB is 50nA (max room) and RF is 100kΩ, then an offset voltage of
5mV will develop (VOS = IBX RF). Using a compensation resistor (RC), as shown in Figure 54, cancels this affect.
But the input offset current (IOS) will still contribute to an offset voltage in the same manner.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMV921 LMV922 LMV924



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com