Electronic Components Datasheet Search
  English  ▼

X  

LMV921 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV921
Description  Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV921 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV921 Datasheet HTML 7Page - Texas Instruments LMV921 Datasheet HTML 8Page - Texas Instruments LMV921 Datasheet HTML 9Page - Texas Instruments LMV921 Datasheet HTML 10Page - Texas Instruments LMV921 Datasheet HTML 11Page - Texas Instruments LMV921 Datasheet HTML 12Page - Texas Instruments LMV921 Datasheet HTML 13Page - Texas Instruments LMV921 Datasheet HTML 14Page - Texas Instruments LMV921 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
OBSOLETE
LMV921, LMV922, LMV924
www.ti.com
SNOS436H – AUGUST 2000 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
*For large signal pulse response in the unity gain follower configuration, the input is 5mV below the positive rail and 5mV
above the negative rail at 25°C and 85°C. At
−40°C, input is 10mV below the positive rail and 10mV above the negative rail.
CMRR vs. Frequency
PSRR vs. Frequency
Figure 19.
Figure 20.
Input Voltage Noise vs. Frequency
Input Current Noise vs. Frequency
Figure 21.
Figure 22.
THD vs. Frequency
THD vs. Frequency
Figure 23.
Figure 24.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV921 LMV922 LMV924



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com