Electronic Components Datasheet Search
  English  ▼

X  

TLE6255G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6255G
Description  Single Wire CAN-Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6255G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6255G Datasheet HTML 1Page - Infineon Technologies AG TLE6255G Datasheet HTML 2Page - Infineon Technologies AG TLE6255G Datasheet HTML 3Page - Infineon Technologies AG TLE6255G Datasheet HTML 4Page - Infineon Technologies AG TLE6255G Datasheet HTML 5Page - Infineon Technologies AG TLE6255G Datasheet HTML 6Page - Infineon Technologies AG TLE6255G Datasheet HTML 7Page - Infineon Technologies AG TLE6255G Datasheet HTML 8Page - Infineon Technologies AG TLE6255G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Single Wire CAN-Transceiver
Final Data Sheet
TLE 6255 G
Data Sheet Rev. 2.5
1
2003-11-27
P-DSO-14-8; -9
2
Description
The TLE 6255 G is a special featured low speed transceiver for use in single wire
applications.
The device is primarily designed for use in single wire CAN systems operating with
various CSMA/CR (carrier sense multiple access/collision resolution) protocols such as
the BOSCH Controller Area Network (CAN).
The normal communication bitrate in CAN-systems is up to 33 kBit/s. For software or
diagnostic data download a high speed mode is offered that allows transmission rates
up to 100 kBit/s.
With many integrated features such as slewrate controlled output, loss of ground circuit,
bi-level wake-up and sleep mode for low power consumption the TLE 6255 G is
optimized for use in automotive applications.
The device is based on Smart Power Technology SPT® which allows bipolar and CMOS
control circuitry to be integrated with DMOS power devices on the same monolithic
circuitry.
Additional features like short circuit and overtemperature protection, over- and
undervoltage lockout are integrated. To enhance the reliability and robustness of the
TLE 6255 G the enhanced power SO-14 package is used in order to provide high
thermal capacity and low thermal resistance.
Type
Ordering Code
Package
TLE 6255 G
Q67006-A9352
P-DSO-14-9 (SMD)
1Features
• Single wire transceiver for up to 33 kBit/s bus speed
• Compatibel to GM LAN Standard GMW 3089 - V1.26
• Excellent EMC performance
• High speed mode for up to 100 kBit/s bus speed
• Ambient operation range – 40
°C to 125 °C
• Supply voltage operation range 5.5 V to 28 V
•Typ. 30
µA total current consumption in sleep mode
• 4 kV ESD protection
• Short circuit and overtemperature protected
• Input bilevel feature for wake-up detection
• Output bilevel feature for wake up call
• Loss of Ground protection
• Bus dominant timeout feature
• Programmable slewrate


Similar Part No. - TLE6255G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
CAN-Transceiver
Version 3.4 2002-10-08
TLE6250 INFINEON-TLE6250 Datasheet
544Kb / 26P
High Speed CAN-Transceiver
Rev. 4.0, April 2008
TLE6250 INFINEON-TLE6250 Datasheet
934Kb / 24P
High Speed CAN-Transceiver
Rev. 4.1 2017-03-15
TLE6250 INFINEON-TLE6250 Datasheet
769Kb / 24P
High Speed CAN-Transceiver
Rev. 4.2
TLE6250C INFINEON-TLE6250C Datasheet
615Kb / 27P
CAN-Transceiver
Version 3.4 2002-10-08
More results

Similar Description - TLE6255G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
Single Wire CAN Transceiver
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
Single Wire CAN Transceiver
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
Single Wire CAN Transceiver
December, 2015 ??Rev. 10
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
Single Wire CAN Transceiver
January, 2017 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com